Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2398 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK2398
Description  Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2398 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK2398 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2398 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2398
2006-11-17
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut−off current
IDSS
VDS = 60 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
60
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.0
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 25 A
22
30
mΩ
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 25 A
15
27
S
Input capacitance
Ciss
1800
Reverse transfer capacitance
Crss
350
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
900
pF
Rise time
tr
20
Turn−on time
ton
30
Fall time
tf
40
Switching time
Turn−off time
toff
130
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
60
Gate−source charge
Qgs
40
Gate−drain (“miller”) charge
Qgd
VDD ≈ 48 V, VGS = 10 V, ID = 45 A
20
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
45
A
Pulse drain reverse current
(Note 1)
IDRP
180
A
Forward voltage (diode)
VDSF
IDR = 45 A, VGS = 0 V
−1.8
V
Reverse recovery time
trr
60
ns
Reverse recovery charge
Qrr
IDR = 45 A, VGS = 0 V
dIDR / dt = 50 A / μs
51
nC
Marking
K2398
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SK2398

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2398 TOSHIBA-2SK2398 Datasheet
290Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2398 TOSHIBA-2SK2398 Datasheet
454Kb / 6P
   DC−DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK2398 ISC-2SK2398 Datasheet
60Kb / 2P
   Fast Switching Speed
logo
Toshiba Semiconductor
2SK2398 TOSHIBA-2SK2398 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK2398 TOSHIBA-2SK2398_09 Datasheet
454Kb / 6P
   DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2398

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2717 TOSHIBA-2SK2717_06 Datasheet
706Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK2718 TOSHIBA-2SK2718_06 Datasheet
759Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK2847 TOSHIBA-2SK2847_06 Datasheet
710Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK1120 TOSHIBA-2SK1120_06 Datasheet
808Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK2746 TOSHIBA-2SK2746_06 Datasheet
724Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_06 Datasheet
693Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2545 TOSHIBA-2SK2545_06 Datasheet
713Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK3754 TOSHIBA-2SK3754 Datasheet
145Kb / 3P
   Silicon N Channel MOS Type Relay Drive, DC−DC Converter and Motor Drive Applications
2SK2549 TOSHIBA-2SK2549_06 Datasheet
677Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com