Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2381 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK2381
Description  Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2381 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK2381 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2381 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2381 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2381 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2381 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2381 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK2381
2006-11-21
5
=
DD
V
VDSS
B
VDSS
B
I
L
2
1
AS
E
2
RG = 25 Ω
VDD = 50 V, L = 4.2 mH


Similar Part No. - 2SK2381

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2381 TOSHIBA-2SK2381 Datasheet
273Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2381 TOSHIBA-2SK2381 Datasheet
403Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2381 TOSHIBA-2SK2381 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2381 ISC-2SK2381 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2381 TOSHIBA-2SK2381_09 Datasheet
403Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SK2381

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2551 TOSHIBA-2SK2551_06 Datasheet
666Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2838 TOSHIBA-2SK2838_06 Datasheet
737Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_06 Datasheet
737Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2679 TOSHIBA-2SK2679_06 Datasheet
700Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2699 TOSHIBA-2SK2699_06 Datasheet
716Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2750 TOSHIBA-2SK2750_06 Datasheet
656Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2883 TOSHIBA-2SK2883_06 Datasheet
752Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2995 TOSHIBA-2SK2995_06 Datasheet
719Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK3131 TOSHIBA-2SK3131_06 Datasheet
712Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK3117 TOSHIBA-2SK3117_06 Datasheet
718Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK2173 TOSHIBA-2SK2173 Datasheet
410Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com