Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZS2C100KR Datasheet(PDF) 1 Page - DB Lectro Inc

Part # ZS2C100KR
Description  ALUMINIUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ZS2C100KR Datasheet(HTML) 1 Page - DB Lectro Inc

  ZS2C100KR Datasheet HTML 1Page - DB Lectro Inc ZS2C100KR Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
High ripple current, low impedance series with 7mm height
Load life of 1000 hours at 105°C
OUTLINE
mm
D
4
5
6.3
8
F
1.5
2.0
2.5
3.5
d
SPECIFICATIONS
6.3
10
6
3
6.3
10
16
33
6.3
813
0.19
10
W.V.
S.V.
W.V.
tan
δ
Characteristics
Items
Operation Temperature
Rated Working Voltage Range
6.3 ~ 50Vdc
Capacitance Tolerance
-40°C ~ +105°C
(120Hz, 25°C)
± 20% (M)
16
25
I : Leakage Current (u A)
V : Working Voltage (V)
0.16
0.22
0.14
16
44
20
32
2
25
35
35
35
2
≤ 200% of initial specified value
After 500 hours, no voltage applied at + 105°C for 500 hours, the capacitor shall meet the following limits:
Capacitance Change
≤ ± 20% of initial value
tan
δ
≤ 200% of initial specified value
Load Test
Dissipation Factor (120Hz, 25°C)
≤ initial specified value
Leakage Current (25°C)
(After 3 minutes applying the DC working voltage)
I
≤ 0.01CV or 3 (u A)
≤ 200% of initial specified value
0.12
25
C : Rated Capacitance (u F)
After 1000 hours application of WV at +105°C, the capacitor shall meet the following limits:
≤ ± 20% of initial value
- 40°C / + 25°C
W.V.
44
- 25°C / + 25°C
66
0.45
0.50
Shelf Test
Surge Voltage (25°C)
Temperature Characteristics
Impedance ratio at 120Hz
Leakage Current
Capacitance Change
tan
δ
Leakage Current
RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
ZS Series
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - ZS2C100KR

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZS2-HD YAMAICHI-ZS2-HD Datasheet
54Kb / 1P
   Housing (Single or Dual Row) and Crimp Contacts
ZS2-HS YAMAICHI-ZS2-HS Datasheet
54Kb / 1P
   Housing (Single or Dual Row) and Crimp Contacts
ZS2-T YAMAICHI-ZS2-T Datasheet
54Kb / 1P
   Housing (Single or Dual Row) and Crimp Contacts
logo
Formosa MS
ZS200 FORMOSA-ZS200 Datasheet
59Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Frontier Electronics.
ZS200-LFR FRONTIER-ZS200-LFR Datasheet
121Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZS2C100KR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
GW1A100KC DBLECTRO-GW1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SR1A100KC DBLECTRO-SR1A100KC Datasheet
200Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
SM1A100KC DBLECTRO-SM1A100KC Datasheet
197Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1AM101I ETC2-ECA-1AM101I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
HL1A100KC DBLECTRO-HL1A100KC Datasheet
196Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM221B ETC2-ECA-1EM221B Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
SS1A100KC DBLECTRO-SS1A100KC Datasheet
202Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
logo
List of Unclassifed Man...
ECA-1EM100I ETC2-ECA-1EM100I Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com