Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6980DZ Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SG6980DZ
Description  Single-Stage PFC Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6980DZ Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button SG6980DZ Datasheet HTML 2Page - Fairchild Semiconductor SG6980DZ Datasheet HTML 3Page - Fairchild Semiconductor SG6980DZ Datasheet HTML 4Page - Fairchild Semiconductor SG6980DZ Datasheet HTML 5Page - Fairchild Semiconductor SG6980DZ Datasheet HTML 6Page - Fairchild Semiconductor SG6980DZ Datasheet HTML 7Page - Fairchild Semiconductor SG6980DZ Datasheet HTML 8Page - Fairchild Semiconductor SG6980DZ Datasheet HTML 9Page - Fairchild Semiconductor SG6980DZ Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Product Specification
Single-Stage PFC Controller
SG6980
© System General Corp.
- 6 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.0.1 (IAO33.0064.B0)
September 17, 2007
VRMS for UVP and RDY
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VRMS-UVP-1
RMS AC Voltage Under-Voltage Threshold
(with TUVP Delay)
0.75
0.80
0.85
V
VRMS-UVP-2
Recovery Level on VRMS for UVP Mode
VRMS-UVP-1
+0.18
VRMS-UVP-1
+0.20
VRMS-UVP-1
+0.22
V
tUVP
Under-Voltage Protection Propagation
Delay Time (No Delay at Start-up)
150
195
240
ms
Voltage Error Amplifier
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VREF
Reference Voltage
2.95
3
3.05
V
Av
Open-Loop Gain
60
dB
Zo
Output Impedance
110
KΩ
OVPFB
PFC Over-Voltage Protection on FB
1.066 •
VREF
1.083 •
VREF
1.100 •
VREF
V
OVPFB
PFC Feedback Voltage Protection
Hysteresis
60
90
120
mV
tOVP-PFC
Debounce Time of PFC OVP
40
70
120
µs
VFB-H
Clamp-High Feedback Voltage
1.033 •
VREF
1.050 •
VREF
1.066 •
VREF
V
GFB-H
Clamp-High Gain
500
µA/mV
VFB-L
Clamp-Low Feedback Voltage
0.916 •
VREF
0.950 •
VREF
0.966 •
VREF
V
GFB-L
Clamp-Low Gain
6.5
µA/mV
IFB-L
Clamp-Low Maximum Current
1.5
2
mA
UVPFB
PFC Feedback Under-Voltage Protection
0.35
0.40
0.45
V
tUVP-PFC
Debounce Time of PFC Feedback UVP
40
70
120
µs
Current Error Amplifier
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOFFSET
Input Offset Voltage ((-) > (+))
8
mV
AI
Open-Loop Gain
60
dB
BW
Unit Gain Bandwidth
1.5
MHz
CMRR
Common-Mode Rejection Ratio
VCM = 0 ~ 1.5V
70
dB
VOUT-HIGH
Output High Voltage
3.2
V
VOUT-LOW
Output Low Voltage
0.2
V
IMR1, IMR2
Reference Current source
RI=24KΩ (IMR=20+IRI • 0.8)
50
70
µA
IL
Maximum Source Current
3
mA
IH
Maximum Sink Current
0.25
mA


Similar Part No. - SG6980DZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6901 FAIRCHILD-SG6901 Datasheet
721Kb / 19P
   CCM PFC/Flyback PWM Combination Controller
SG6901A FAIRCHILD-SG6901A Datasheet
710Kb / 18P
   PFC / Flyback PWM Controller
SG6901A FAIRCHILD-SG6901A Datasheet
545Kb / 12P
   Control a CCM PFC and Flyback/PWM Power Supply
SG6901ASZ FAIRCHILD-SG6901ASZ Datasheet
710Kb / 18P
   PFC / Flyback PWM Controller
SG6901ASZ FAIRCHILD-SG6901ASZ Datasheet
721Kb / 19P
   CCM PFC/Flyback PWM Combination Controller
More results

Similar Description - SG6980DZ

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY5802 SILERGY-SY5802 Datasheet
210Kb / 8P
   Single Stage Flyback And PFC Controller
logo
Princeton Technology Co...
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
   PSR and Single Stage PFC Controller for LED Lighting
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
logo
BCD Semiconductor Manuf...
AP1682 BCDSEMI-AP1682 Datasheet
374Kb / 11P
   Single Stage Primary Side Regulation PFC Controller For LED Driver
logo
Diodes Incorporated
AP1682E DIODES-AP1682E Datasheet
366Kb / 10P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR LED DRIVER
logo
ON Semiconductor
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Excelliance MOS Corp.
EM8822A EXCELLIANCE-EM8822A Datasheet
493Kb / 9P
   Single stage Buck/Buck-Boost PFC Controller for LED Lighting
logo
Infineon Technologies A...
ICL8001G INFINEON-ICL8001G Datasheet
620Kb / 16P
   Single-Stage Flyback And PFC Controller For LED Lighting Applications
Version 1.0, May 6, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com