Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CK2C100KR Datasheet(PDF) 1 Page - DB Lectro Inc

Part # CK2C100KR
Description  CHIP TYPE, WIDE TEMPERATURE RANGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CK2C100KR Datasheet(HTML) 1 Page - DB Lectro Inc

  CK2C100KR Datasheet HTML 1Page - DB Lectro Inc CK2C100KR Datasheet HTML 2Page - DB Lectro Inc CK2C100KR Datasheet HTML 3Page - DB Lectro Inc CK2C100KR Datasheet HTML 4Page - DB Lectro Inc CK2C100KR Datasheet HTML 5Page - DB Lectro Inc CK2C100KR Datasheet HTML 6Page - DB Lectro Inc CK2C100KR Datasheet HTML 7Page - DB Lectro Inc CK2C100KR Datasheet HTML 8Page - DB Lectro Inc CK2C100KR Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CK Series
CHIP TYPE,
WIDE TEMPERATURE RANGE
O
perating with wide temperature range -55 ~ +105 C
Load life of 1000~2000 hours
SPECIFICATIONS
Items
Characteristics
Operation Temperature Range
-55 ~ +105°C
Rated Working Voltage
4 ~ 50V
Capacitance Tolerance
±20% at 120Hz, 20°C
I 0.01CV or 3 A whichever is greater (after 2 minutes)
Leakage Current
I: Leakage current ( A)
C: Normal capacitance ( F)
V: Rated voltage (V)
Measurement frequency: 120Hz, Temperature: 20°C
WV
4
6.3
10
16
25
35
50
tan
0.45
0.38
0.32
0.22
0.18
0.14
0.14
Dissipation Factor max.
Rated voltage (V)
4
6.3
10
16
25
35
50
Z(-25°C) / Z(20°C)
74
32222
Impedance ratio
ZT/Z20 (max.)
Z(-40°C) / Z(20°C)
15
8
64433
Capacitance Change
Within 20% of initial value for capacitors of 25V or more
(Within 25% of initial value for capacitors of 16V or less)
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life (at 105°C)
After leaving capacitors under no load at 105°C for 1000 hours, they meet the specified value
for load life characteristics listed above.
Capacitance Change
Within 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
Resistance to Soldering Heat
Reference Standard
JIS C-5141 and JIS C-5102
Negative
0.5~0.8
Plastic plateform
0.3max.
Positive
C 0.2
L
+0.2
-0.1
*L 0.3 (Applicable to 6.3 x 7.7)
Negative
0.8 ~ 1.1
Plastic platform
0.3max.
Positive
C 0.2
L 0.5
DRAWING (Unit: mm)
DIMENSIONS (Unit: mm)
D x L
4 x 5.4
5 x 5.4
6.3 x 5.4
6.3 x 7.7
8 x 10.5
10 x 10.5
A
1.8
2.1
2.4
2.4
2.9
3.2
B
4.3
5.3
6.6
6.6
8.3
10.3
C
4.3
5.3
6.6
6.6
8.3
10.3
E
1.0
1.3
2.2
2.2
3.1
4.5
L
5.4
5.4
5.4
7.7
10.5
10.5
(
4 ∼ 6.3)
(
8, 10)
Low Temperature Characteristics
(Measurement frequency: 120Hz)
*Voltage mark for 6.3V is [6V]
Load Life
(After 2000 hours (1000 hours for 4,
5, 6.3x5.4) application of the rated
voltage at 105°C, capacitors meet the
characteristics requirements listed.)
Comply with the RoHS directive (2002/95/EC)
After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at
room temperature,
they meet the characteristics requirements listed as below.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CK2C100KR

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CK2-5-EWZ PHOENIX-CK2-5-EWZ Datasheet
76Kb / 2P
   Contact removal tool, for turned and rolled CK- 2.5-... contacts
logo
List of Unclassifed Man...
CK2020 ETC-CK2020 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CK203026 ETC-CK203026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CK203060 ETC-CK203060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CK203075 ETC-CK203075 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CK2C100KR

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWT1E101MCL1GS NICHICON-UWT1E101MCL1GS Datasheet
414Kb / 3P
   Chip Type, Wide Temperature Range
logo
DB Lectro Inc
KP1H010KC DBLECTRO-KP1H010KC Datasheet
507Kb / 13P
   CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
logo
NIHON DEMPA KOGYO
2725T_18 NDK-2725T_18_03 Datasheet
901Kb / 1P
   Wide Operating Temperature Range Type
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
   Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
   Wide Temperature Range
logo
Ironwood Electronics.
GT-QFN-3013 IRONWOOD-GT-QFN-3013 Datasheet
815Kb / 5P
   Wide temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com