Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25CTQ040S Datasheet(PDF) 1 Page - International Rectifier

Part # 25CTQ040S
Description  SCHOTTKY RECTIFIER 30 Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25CTQ040S Datasheet(HTML) 1 Page - International Rectifier

  25CTQ040S Datasheet HTML 1Page - International Rectifier 25CTQ040S Datasheet HTML 2Page - International Rectifier 25CTQ040S Datasheet HTML 3Page - International Rectifier 25CTQ040S Datasheet HTML 4Page - International Rectifier 25CTQ040S Datasheet HTML 5Page - International Rectifier 25CTQ040S Datasheet HTML 6Page - International Rectifier 25CTQ040S Datasheet HTML 7Page - International Rectifier 25CTQ040S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCHOTTKY RECTIFIER
30 Amp
25CTQ...SPbF
25CTQ.. -1PbF
www.irf.com
1
Bulletin PD-21032 rev. A 06/06
I
F(AV) Rectangular
30
A
waveform
V
RRM range
35/ 45
V
I
FSM @ tp = 5 μs sine
990
A
V
F
@15 Apk, T
J=125°C
0.50
V
(per leg)
T
J
range
- 55 to 150
°C
Characteristics
Values
Units
Major Ratings and Characteristics
Description/ Features
The 25CTQ.. center tap Schottky rectifier series has been
optimized for very low forward voltage drop, with moderate
leakage. The proprietary barrier technology allows for
reliable operation up to 150° C junction temperature. Typical
applications are in switching power supplies, converters,
free-wheeling diodes, and reverse battery protection.
150° C T
J operation
Center tap TO-220 package
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Very low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Lead-Free ("PbF" suffix)
IF(AV) = 30Amp
VR = 35/ 45V
Case Styles
D
2PAK
25CTQ...SPbF
25CTQ...-1PbF
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - 25CTQ040S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25CTQ040S IRF-25CTQ040S Datasheet
206Kb / 8P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
25CTQ040S VISHAY-25CTQ040S Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
logo
Inchange Semiconductor ...
25CTQ040S ISC-25CTQ040S Datasheet
320Kb / 2P
   Schottky Rectifier
logo
Vishay Siliconix
25CTQ040SPBF VISHAY-25CTQ040SPBF Datasheet
137Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
25CTQ040SPBF VISHAY-25CTQ040SPBF Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 12-Mar-10
More results

Similar Description - 25CTQ040S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
   30 Amp Schottky Rectifier
logo
International Rectifier
30CPQ080 IRF-30CPQ080 Datasheet
55Kb / 4P
   SCHOTTKY RECTIFIER 30 Amp
logo
New Jersey Semi-Conduct...
SBR3035 NJSEMI-SBR3035 Datasheet
87Kb / 1P
   30 Amp Schottky Rectifier
logo
International Rectifier
30CPQ035PBF IRF-30CPQ035PBF Datasheet
238Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
MBR2535CTPBF IRF-MBR2535CTPBF Datasheet
169Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
30CPQ050PBF IRF-30CPQ050PBF Datasheet
211Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
21FQ IRF-21FQ Datasheet
47Kb / 4P
   SCHOTTKY RECTIFIER 30 Amp
30L30CTPBF IRF-30L30CTPBF Datasheet
533Kb / 7P
   SCHOTTKY RECTIFIER 30 Amp
logo
Microsemi Corporation
21FQ040 MICROSEMI-21FQ040 Datasheet
136Kb / 2P
   30 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
30CTQ060STRLPBF IRF-30CTQ060STRLPBF Datasheet
258Kb / 7P
   SCHOTTKY RECTIFIER 30 Amp
logo
Microsemi Corporation
SBR3035 MICROSEMI-SBR3035 Datasheet
120Kb / 2P
   30 Amp Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com