Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12CWQ03FNTRRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # 12CWQ03FNTRRPBF
Description  SCHOTTKY RECTIFIER 12 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12CWQ03FNTRRPBF Datasheet(HTML) 7 Page - International Rectifier

  12CWQ03FNTRRPBF Datasheet HTML 1Page - International Rectifier 12CWQ03FNTRRPBF Datasheet HTML 2Page - International Rectifier 12CWQ03FNTRRPBF Datasheet HTML 3Page - International Rectifier 12CWQ03FNTRRPBF Datasheet HTML 4Page - International Rectifier 12CWQ03FNTRRPBF Datasheet HTML 5Page - International Rectifier 12CWQ03FNTRRPBF Datasheet HTML 6Page - International Rectifier 12CWQ03FNTRRPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
12CWQ03FNPbF
7
Bulletin PD-21087 rev. A 05/06
www.irf.com
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 05/06
Data and specifications subject to change without notice.
This product has been designed and qualified for Consumer Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
12
C
W
Q
03
FN TRL PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (12A)
2
-
CenterTapConfiguration-
3
-
Package Identifier
4
W = D-Pak
4
-
Schottky "Q" Series
5
-
Voltage Rating (03 = 30V)
6
-
FN = TO-252AA
7
-
none = Tube (50 pieces)
TR = Tape & Reel
TRL = Tape & Reel (Left Oriented)
TRR = Tape & Reel (Right Oriented)
8
-
none = Standard Production
PbF = Lead-Free
7
8


Similar Part No. - 12CWQ03FNTRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12CWQ03FNTRRPBF VISHAY-12CWQ03FNTRRPBF Datasheet
140Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
More results

Similar Description - 12CWQ03FNTRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12CWQ06FNPBF IRF-12CWQ06FNPBF Datasheet
196Kb / 8P
   SCHOTTKY RECTIFIER 12 Amp
12CWQ10FNPBF IRF-12CWQ10FNPBF Datasheet
190Kb / 7P
   SCHOTTKY RECTIFIER 12 Amp
logo
Micro Commercial Compon...
MBRD1220CT MCC-MBRD1220CT Datasheet
130Kb / 2P
   12 Amp Schottky Rectifier 20V-45V
MBR12100AULPS MCC-MBR12100AULPS Datasheet
331Kb / 2P
   12 Amp Schottky Barrier Rectifier 100 Volts
logo
SHENZHEN YONGERJIA INDU...
SK22 WINNERJOIN-SK22 Datasheet
233Kb / 3P
   Amp Schottky Rectifier
logo
Micro Commercial Compon...
SB1220 MCC-SB1220_13 Datasheet
311Kb / 3P
   12 Amp Schottky Barrier Rectifier 20 to 100 Volts
SB1220 MCC-SB1220 Datasheet
479Kb / 3P
   12 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR12120LPS MCC-MBR12120LPS Datasheet
247Kb / 2P
   12 Amp Low VF Schottky Barrier Rectifier 120 Volts
MBR12150LPS MCC-MBR12150LPS Datasheet
312Kb / 2P
   12 Amp Low VF Schottky Barrier Rectifier 150 Volts
MBR12100LPS MCC-MBR12100LPS_17 Datasheet
663Kb / 3P
   12 Amp Low VF Schottky Barrier Rectifier 100 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com