Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6CWQ10FNTRR Datasheet(PDF) 7 Page - International Rectifier

Part # 6CWQ10FNTRR
Description  SCHOTTKY RECTIFIER 7 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6CWQ10FNTRR Datasheet(HTML) 7 Page - International Rectifier

  6CWQ10FNTRR Datasheet HTML 1Page - International Rectifier 6CWQ10FNTRR Datasheet HTML 2Page - International Rectifier 6CWQ10FNTRR Datasheet HTML 3Page - International Rectifier 6CWQ10FNTRR Datasheet HTML 4Page - International Rectifier 6CWQ10FNTRR Datasheet HTML 5Page - International Rectifier 6CWQ10FNTRR Datasheet HTML 6Page - International Rectifier 6CWQ10FNTRR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
6CWQ10FNPbF
7
Bulletin PD-21059 rev. B 07/06
www.irf.com
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 07/06
Data and specifications subject to change without notice.
This product has been designed and qualified for AEC Q101 Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
6
C
W
Q
10
FN TRL PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (7A)
2
-
CenterTapConfiguration-
3
-
Package Identifier
4
W = D-Pak
4
-
Schottky "Q" Series
5
-
Voltage Rating (10 = 100V)
6
-
FN = TO-252AA (D-Pak)
7
-
none = Tube (50 pieces)
TR = Tape & Reel
TRL = Tape & Reel (Left Oriented)
TRR = Tape & Reel (Right Oriented)
8
-
none = Standard Production
PbF = Lead-Free
7
8


Similar Part No. - 6CWQ10FNTRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWQ10FNTRR VISHAY-6CWQ10FNTRR Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
6CWQ10FNTRRPDF VISHAY-6CWQ10FNTRRPDF Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
More results

Similar Description - 6CWQ10FNTRR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR2040CT-5 SSDI-SSR2040CT-5 Datasheet
178Kb / 2P
   7 AMP 45 VOLTS CENTERTAP SCHOTTKY RECTIFIER
logo
International Rectifier
6CWQ06FNPBF IRF-6CWQ06FNPBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
6CWQ04FNPBF IRF-6CWQ04FNPBF Datasheet
177Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 40V
logo
SHENZHEN YONGERJIA INDU...
SK22 WINNERJOIN-SK22 Datasheet
233Kb / 3P
   Amp Schottky Rectifier
logo
NTE Electronics
NTE5427 NTE-NTE5427 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR) 7 Amp
logo
Microsemi Corporation
HSM150 MICROSEMI-HSM150 Datasheet
76Kb / 2P
   1 Amp Schottky Rectifier
1N6095 MICROSEMI-1N6095 Datasheet
124Kb / 2P
   25 Amp Schottky Rectifier
1N6097 MICROSEMI-1N6097 Datasheet
120Kb / 2P
   50 Amp Schottky Rectifier
MS830 MICROSEMI-MS830 Datasheet
91Kb / 2P
   8 Amp Schottky Rectifier
logo
International Rectifier
303CNQ IRF-303CNQ Datasheet
27Kb / 4P
   SCHOTTKY RECTIFIER 300 Amp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com