Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2604 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SD2604
Description  Silicon NPN Triple Diffused Type (Darlington)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD2604 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SD2604 Datasheet HTML 1Page - Toshiba Semiconductor 2SD2604 Datasheet HTML 2Page - Toshiba Semiconductor 2SD2604 Datasheet HTML 3Page - Toshiba Semiconductor 2SD2604 Datasheet HTML 4Page - Toshiba Semiconductor 2SD2604 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD2604
2006-11-21
3
Collector-emitter voltage VCE (V)
VCE – IC
Collector current IC (A)
hFE – IC
Collector current IC (A)
IC – VCE (sat)
Collector current IC (A)
IC – VBE (sat)
0
0
0.8
IB = 0.2 mA
Common emitter
Tc = 25°C
0.4
0.6
1.8
1.4
1.6
2
4
6
8
10
2
4
6
8
10
1.0
1.2
2.0
10
Common emitter
IC/IB = 500
0.1
1
0.1
1
10
25
−55
Tc = 100°C
10
Common emitter
IC/IB = 500
0.1
1
0.1
1
10
25
−55
Tc = 100°C
Common emitter
VCE = 3 V
100
0.1
50
1
10
1000
10000
25
−55
Tc = 100°C


Similar Part No. - 2SD2604

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2604 TOSHIBA-2SD2604 Datasheet
178Kb / 4P
   HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE APPLICATIONS
More results

Similar Description - 2SD2604

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2131 TOSHIBA-2SD2131_06 Datasheet
148Kb / 5P
   Silicon NPN Triple Diffused Type (Darlington)
logo
Panasonic Semiconductor
PU3120 PANASONIC-PU3120 Datasheet
170Kb / 2P
   SILICON NPN TRIPLE-DIFFUSED PLANAR DARLINGTON TYPE
logo
Toshiba Semiconductor
2SD1415AF TOSHIBA-2SD1415AF Datasheet
156Kb / 5P
   TOSHIBA Transistor Silicon NPN Triple Diffused Type (Darlington)
logo
Panasonic Semiconductor
2SD1162 PANASONIC-2SD1162 Datasheet
36Kb / 1P
   NPN SILICON TRIPLE DIFFUSED DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
SLA4342 ETC1-SLA4342 Datasheet
356Kb / 3P
   Silicon NPN Triple Diffused Planar Darlington
2SD987 ETC-2SD987 Datasheet
36Kb / 1P
   NPN SILICON TRIPLE DIFFUSED DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2SD633 NJSEMI-2SD633 Datasheet
149Kb / 2P
   SILICON NPN TRIPLE DIFFUSED MESA DARLINGTON TRANSISTOR
logo
Toshiba Semiconductor
2SC2793 TOSHIBA-2SC2793 Datasheet
211Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SD641 TOSHIBA-2SD641 Datasheet
92Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
logo
KEC(Korea Electronics)
BF420 KEC-BF420 Datasheet
52Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com