Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC6076 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC6076
Description  Silicon NPN Epitaxial Type (PCT Process)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6076 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC6076 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6076 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6076 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6076 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6076 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC6076
2006-11-16
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 160 V, IE = 0
1.0
μA
Emitter cut-off current
IEBO
VEB = 9 V, IC = 0
1.0
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
80
V
hFE (1)
VCE = 2 V, IC = 1 mA
150
hFE (2)
VCE = 2 V, IC = 0.5 A
180
450
DC current gain
hFE (3)
VCE = 2 V, IC = 1 A
100
VCE (sat) (1) IC = 0.5 A, IB = 50 mA
0.3
V
Collector emitter saturation voltage
VCE (sat) (2) IC = 1 A, IB = 100 mA
0.5
V
Base-emitter saturation voltage
VBE (sat)
IC = 1 A, IB = 100 mA
1.5
V
Transition frequency
fT
VCE = 2 V, IC = 0.5 A
150
MHZ
Collector output capacitance
Cob
VCB = 10 V, IE = 0,f = 1MHZ
14
pF
Rise time
tr
0.05
Storage time
tstg
0.4
Switching time
Fall time
tf
IB1 = −IB2 = 100 mA
Duty cycle ≤ 1%
0.15
μs
Marking
20 μs
VCC = 24 V
Output
IB2
IB1
Input
C6076
Lot code
A line indicates
lead (Pb)-free
package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SC6076

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6076 TOSHIBA-2SC6076 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SC6076

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4988 TOSHIBA-RN4988 Datasheet
217Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4989 TOSHIBA-RN4989 Datasheet
216Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606 Datasheet
159Kb / 4P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4908 TOSHIBA-RN4908 Datasheet
155Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4985 TOSHIBA-RN4985 Datasheet
152Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4909 TOSHIBA-RN4909 Datasheet
155Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4604 TOSHIBA-RN4604_07 Datasheet
251Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4986 TOSHIBA-RN4986 Datasheet
150Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4987 TOSHIBA-RN4987 Datasheet
153Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4904 TOSHIBA-RN4904 Datasheet
152Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com