Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ401 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SJ401
Description  DC−DC Converter, Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ401 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SJ401_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ401_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ401_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ401_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ401_07 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ401_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SJ401
2006-11-16
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L
2
−π−MOSV)
2SJ401
DC−DC Converter, Relay Drive and Motor Drive
Applications
4-V gate drive
Low drain−source ON resistance
: RDS (ON) = 33 mΩ (typ.)
High forward transfer admittance
: |Yfs| = 20 S (typ.)
Low leakage current : IDSS = −100 μA (max) (VDS = −60 V)
Enhancement mode
: Vth = −0.8~−2.0 V (VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
−60
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
−60
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
−20
A
Drain current
Pulse(Note 1)
IDP
−80
A
Drain power dissipation (Tc = 25°C)
PD
100
W
Single pulse avalanche energy
(Note 2)
EAS
800
mJ
Avalanche current
IAR
−20
A
Repetitive avalenche energy (Note 3)
EAR
10
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage,
etc.) are within the absolute maximum ratings. Please design the
appropriate reliability upon reviewing the Toshiba Semiconductor
Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
1.25
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
83.3
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = −50 V, Tch = 25°C (initial), L = 1.44 mH, RG = 25 Ω,
IAR = −20 A
Note 3: Repetitive rating: pulse width limited by maximum channel
temperature
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10S1B
Weight: 1.5 g (typ.)
JEDEC
JEITA
TOSHIBA
2-10S2B
Weight: 1.5 g (typ.)


Similar Part No. - 2SJ401_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ401 TOSHIBA-2SJ401_09 Datasheet
461Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results

Similar Description - 2SJ401_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ304 TOSHIBA-2SJ304_07 Datasheet
695Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606_09 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ312 TOSHIBA-2SJ312_09 Datasheet
392Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_09 Datasheet
420Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ349 TOSHIBA-2SJ349_09 Datasheet
408Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ304 TOSHIBA-2SJ304_09 Datasheet
393Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ378 TOSHIBA-2SJ378_09 Datasheet
402Kb / 6P
   Relay Drive, DC−DC Converter and Motor Drive Applications
2SK1382 TOSHIBA-2SK1382_09 Datasheet
396Kb / 6P
   Relay Drive, Motor Drive and DC−DC Converter Applications
2SJ312 TOSHIBA-2SJ312_07 Datasheet
745Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_09 Datasheet
419Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_02 Datasheet
255Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com