Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ378 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SJ378
Description  Relay Drive, DC−DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ378 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SJ378_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ378_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ378_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ378_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ378_07 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ378_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SJ378
2006-11-16
5
Drain-Source Voltage VDS (V)
Safe Operating Area
0.01
0.1
10
100
ID max (Continuous)
ID max (pulsed) *
DC Operation
Ta
= 25°C
10 ms *
VDSS max
100
μs *
*: Single Nonrepetitive Pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
0.1
10
100
0.001
0.01
1
1
1 ms *


Similar Part No. - 2SJ378_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ378 TOSHIBA-2SJ378_09 Datasheet
402Kb / 6P
   Relay Drive, DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SJ378_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ304 TOSHIBA-2SJ304_07 Datasheet
695Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606_09 Datasheet
154Kb / 3P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ312 TOSHIBA-2SJ312_09 Datasheet
392Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_09 Datasheet
420Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ349 TOSHIBA-2SJ349_09 Datasheet
408Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ304 TOSHIBA-2SJ304_09 Datasheet
393Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ378 TOSHIBA-2SJ378_09 Datasheet
402Kb / 6P
   Relay Drive, DC−DC Converter and Motor Drive Applications
2SK1382 TOSHIBA-2SK1382_09 Datasheet
396Kb / 6P
   Relay Drive, Motor Drive and DC−DC Converter Applications
2SJ312 TOSHIBA-2SJ312_07 Datasheet
745Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_09 Datasheet
419Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968_02 Datasheet
255Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com