Electronic Components Datasheet Search |
|
CK1V221KC Datasheet(PDF) 11 Page - DB Lectro Inc |
|
CK1V221KC Datasheet(HTML) 11 Page - DB Lectro Inc |
11 / 13 page Taping Specifications for Chip Type Aluminum Electrolytic Capacitors Carrier Tape Drawing 1 (for 4 ~ 10) 4.0±0.1 2.0±0.1 1.5 +0.1~-0 P±0.1 A±0.2 F±0.1 1.75±0.1 T2±0.2 0.4 Dimension (Unit: mm) D L 4 5.4/5.8 5 5.4/5.8 6.3 5.4/5.8 6.3 7.7 8 6.2 8 10.5 10 10.5/13.5 W 12.0 12.0 16.0 12.0 16.0 24.0 24.0 P 8.0 12.0 12.0 12.0 12.0 16.0 16.0 F 5.5 5.5 7.5 7.5 7.5 11.5 11.5 A 5.0 6.0 7.0 7.0 8.7 8.7 10.7 B 5.0 6.0 7.0 7.0 8.7 8.7 10.7 T2 5.8/6.3 5.8/6.3 5.8/6.3 8.4 6.8 11.0 11.0/14.0 Drawing 2 (for 12.5 ~ 16) Dimension (Unit: mm) D L 12.5 13.5 12.5 16 W 0.3 32.0 32.0 P 0.1 24.0 24.0 F 0.1 14.2 14.2 A0 0.2 14.0 14.0 B B 0 0.2 14.0 14.0 T2 0.2 14.0 16.5 S 0.1 28.4 28.4 DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |
Similar Part No. - CK1V221KC |
|
Similar Description - CK1V221KC |