Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN1C220KC Datasheet(PDF) 5 Page - DB Lectro Inc

Part # CN1C220KC
Description  CHIP TYPE, NON-POLARIZED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CN1C220KC Datasheet(HTML) 5 Page - DB Lectro Inc

  CN1C220KC Datasheet HTML 1Page - DB Lectro Inc CN1C220KC Datasheet HTML 2Page - DB Lectro Inc CN1C220KC Datasheet HTML 3Page - DB Lectro Inc CN1C220KC Datasheet HTML 4Page - DB Lectro Inc CN1C220KC Datasheet HTML 5Page - DB Lectro Inc CN1C220KC Datasheet HTML 6Page - DB Lectro Inc CN1C220KC Datasheet HTML 7Page - DB Lectro Inc CN1C220KC Datasheet HTML 8Page - DB Lectro Inc CN1C220KC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SERIES TABLE
Chip Type Aluminum Electrolytic Capacitors
Applications
Series
Features
Capacitance
( F)
Rate
Voltage
(V.D.C.)
Operating
Temperature
(°C)
Load
Life
(Hours)
Capacitance
Tolerance
(%)
CS
Standard size
0.1 ~ 1500
4 ~ 100
-40 ~ +85
2000
20
Standard
CK
Standard size, wide temperature
range
0.1 ~ 1500
4 ~ 50
-55 ~ +105
2000
20
Low Leakage
SC
Low leakage current
0.1 ~ 100
6.3 ~ 50
-40 ~ +85
1000
20
CN
Non-polarized
0.1 ~ 100
6.3 ~ 50
-40 ~ +85
1000
20
Non-polarized
KP
Non-polarized, wide temperature
range
0.1 ~ 47
6.3 ~ 50
-55 ~ +105
1000
20
LZ
Low impedance
1 ~ 1500
6.3 ~ 50
-55 ~ +105
2000
20
Low
Impedance
KZ
Extra low impedance
4.7 ~ 1500
6.3 ~ 50
-55 ~ +105
2000
20
FZ
Long life, extra low impedance
4.7 ~ 1500
6.3 ~ 35
-55 ~ +105
3000
20
EL
Long life assurance
0.1 ~ 1500
6.3 ~ 50
-55 ~ +105
3000
20
Long Life
KL
5000 hours load life
0.1 ~ 4700
6.3 ~ 100
-40 ~ +105
5000
20
High Reliability
KH
High reliability
10 ~ 330
10 ~ 50
-40 ~ +125
2000
20
High Voltage
HU
Mid-to-high voltage
3.3 ~ 68
-40 ~ +105
5000
20
Current
160 ~ 450
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CN1C220KC

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CN1 CDIL-CN1 Datasheet
258Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Tyco Electronics
CN1 MACOM-CN1 Datasheet
43Kb / 1P
   On Delay, Time Delay Relay For Plug-In or Panel Mounting
logo
Japan Aviation Electron...
CN10 JAE-CN10 Datasheet
316Kb / 7P
   PUSH-ON COUPLING
CN10-RB-M-0-R JAE-CN10-RB-M-0-R Datasheet
316Kb / 7P
   PUSH-ON COUPLING
CN10-RB1-M-0-R JAE-CN10-RB1-M-0-R Datasheet
316Kb / 7P
   PUSH-ON COUPLING
More results

Similar Description - CN1C220KC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KP1H010KC DBLECTRO-KP1H010KC Datasheet
507Kb / 13P
   CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Assmann Electronics Inc...
AK500-U-3-R ASSMANN-AK500-U-3-R Datasheet
96Kb / 1P
   Power cord - SPT2 Non-Polarized
logo
Tyco Electronics
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
   1 pole PCB relay, non-polarized
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
5-1462000-5 MACOM-5-1462000-5 Datasheet
472Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
logo
CW Industries
GRS-2011-3020 CWIND-GRS-2011-3020 Datasheet
24Kb / 1P
   ASSEMBLY DWG, S.P.S.T. ROCKER NON-POLARIZED 1.072 x .480 PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com