Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZ1A330KC Datasheet(PDF) 1 Page - DB Lectro Inc

Part # FZ1A330KC
Description  CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FZ1A330KC Datasheet(HTML) 1 Page - DB Lectro Inc

  FZ1A330KC Datasheet HTML 1Page - DB Lectro Inc FZ1A330KC Datasheet HTML 2Page - DB Lectro Inc FZ1A330KC Datasheet HTML 3Page - DB Lectro Inc FZ1A330KC Datasheet HTML 4Page - DB Lectro Inc FZ1A330KC Datasheet HTML 5Page - DB Lectro Inc FZ1A330KC Datasheet HTML 6Page - DB Lectro Inc FZ1A330KC Datasheet HTML 7Page - DB Lectro Inc FZ1A330KC Datasheet HTML 8Page - DB Lectro Inc FZ1A330KC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FZ Series
CHIP TYPE,
LONG LIFE WITH EXTRA LOWER IMPEDANCE
Extra low impedance with temperature range -55 C to +105 C
Load life of 2000~3000 hours, impedance 5~25% less than KZ series
Items
Characteristics
Operation Temperature Range
-55 ~ +105°C
Rated Working Voltage
6.3 ~ 35V
Capacitance Tolerance
±20% at 120Hz, 20°C
I 0.01CV or 3 A whichever is greater (after 2 minutes)
Leakage Current
I: Leakage current ( A)
C: Normal capacitance ( F)
V: Rated voltage (V)
Measurement frequency: 120Hz, Temperature: 20°C
WV
6.3
10
16
25
35
tan
0.26
0.19
0.16
0.14
0.12
Dissipation Factor max.
Rated voltage (V)
6.3
10
16
25
35
Z(-25°C) / Z(20°C)
2
2
2
2
2
Z(-40°C) / Z(20°C)
3
3
3
3
3
Impedance ratio
ZT/Z20 (max.)
Z(-55°C) / Z(20°C)
4
4
4
3
3
Low Temperature Characteristics
(Measurement frequency: 120Hz)
Capacitance Change
Within 30% of initial value
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Load Life
(After 2000 hours (3000 hours for 8,
10) application of the rated voltage at
105°C, capacitors meet the
characteristics requirements listed.)
Shelf Life (at 105°C)
After leaving capacitors under no load at 105°C for 1000 hours, they meet the specified value
for load life characteristics listed above.
Capacitance Change
Within 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
Resistance to Soldering Heat
Reference Standard
JIS C-5141 and JIS C-5102
SPECIFICATIONS
DRAWING (Unit: mm)
DIMENSIONS (Unit: mm)
Negative
0.5~0.8
0.3max.
Positive
C 0.2
L
+0.1
-0.2
*L 0.3 (Applicable to 6.3 x 7.7)
(
4 ∼ 6.3)
Plastic platform
Negative
0.8 ~ 1.1
Plastic platform
0.3max.
Positive
C 0.2
L 0.5
(
8, 10)
*Voltage mark for 6.3V is [6V]
D x L
4 x 5.8
5 x 5.8
6.3 x 5.8
6.3 x 7.7
8 x 10.5
10 x 10.5
A
1.8
2.1
2.4
2.4
2.9
3.2
B
4.3
5.3
6.6
6.6
8.3
10.3
C
4.3
5.3
6.6
6.6
8.3
10.3
E
1.0
1.3
2.2
2.2
3.1
4.5
L
5.8
5.8
5.8
7.7
10.5
10.5
Comply with the RoHS directive (2002/95/EC)
After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at
room temperature,
they meet the characteristics requirements listed as below.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - FZ1A330KC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FZ1000R33HE3 INFINEON-FZ1000R33HE3 Datasheet
468Kb / 9P
   IHM-B module with fast Trench/Fieldstop IGBT3 and Emitter Controlled3 diode
2010-07-16 revision:2.2
logo
Power Integrations, Inc...
FZ1000R33HE3 POWERINT-FZ1000R33HE3 Datasheet
221Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-26
logo
Infineon Technologies A...
FZ1000R33HL3 INFINEON-FZ1000R33HL3 Datasheet
471Kb / 9P
   IHM-B module with Trench/Fieldstop IGBT3 and Emitter Controlled3 diode
2010-04-26 revision:2.4
logo
Power Integrations, Inc...
FZ1000R33HL3 POWERINT-FZ1000R33HL3 Datasheet
220Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-26
logo
GOOD-ARK Electronics
FZ1110 GOOD-ARK-FZ1110 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - FZ1A330KC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KZ1H010KC DBLECTRO-KZ1H010KC Datasheet
564Kb / 13P
   CHIP TYPE, EXTRA LOW IMPEDANCE
logo
jb Capacitors Company
JRD JBCAPACITORS-JRD Datasheet
480Kb / 3P
   Low Impedance, Long Life
logo
RUBYCON CORPORATION
16YXF470MEFC10X12.5 RUBYCON-16YXF470MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF330MEFC10X20 RUBYCON-50YXF330MEFC10X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
63YXF100MEFC10X12.5 RUBYCON-63YXF100MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF470MEFC12.5X20 RUBYCON-50YXF470MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
logo
DB Lectro Inc
EL1A100KC DBLECTRO-EL1A100KC Datasheet
515Kb / 13P
   CHIP TYPE, LONG LIFE ASSURANCE
logo
RUBYCON CORPORATION
50YXF100MEFC8X11.5 RUBYCON-50YXF100MEFC8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
100YXF100MEFC12.5X20 RUBYCON-100YXF100MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com