Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZ1V220KC Datasheet(PDF) 2 Page - DB Lectro Inc

Part # FZ1V220KC
Description  CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FZ1V220KC Datasheet(HTML) 2 Page - DB Lectro Inc

  FZ1V220KC Datasheet HTML 1Page - DB Lectro Inc FZ1V220KC Datasheet HTML 2Page - DB Lectro Inc FZ1V220KC Datasheet HTML 3Page - DB Lectro Inc FZ1V220KC Datasheet HTML 4Page - DB Lectro Inc FZ1V220KC Datasheet HTML 5Page - DB Lectro Inc FZ1V220KC Datasheet HTML 6Page - DB Lectro Inc FZ1V220KC Datasheet HTML 7Page - DB Lectro Inc FZ1V220KC Datasheet HTML 8Page - DB Lectro Inc FZ1V220KC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FZ Series
WV
F
6.3
10
16
25
35
4.7
4 x 5.8
1.35
90
10
4 x 5.8
1.35
90
4 x 5.8
1.35
90
5 x 5.8
(4 x 5.8)
0.70
(1.35)
160
(90)
15
4 x 5.8
1.35
90
5 x 5.8
0.70
160
5 x 5.8
0.70
160
22
4 x 5.8
1.35
90
4 x 5.8
1.35
90
5 x 5.8
(4 x 5.8)
0.70
(1.35)
160
(90)
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
27
4 x 5.8
1.35
90
5 x 5.8
(4 x 5.8)
0.70
(1.35)
160
(90)
5 x 5.8
0.70
160
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 5.8
0.36
240
33
5 x 5.8
(4 x 5.8)
0.70
(1.35)
160
(90)
5 x 5.8
(4 x 5.8)
0.70
(1.35)
160
(90)
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 5.8
0.36
240
47
5 x 5.8
(4 x 5.8)
0.70
(1.35)
160
(90)
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
56
5 x 5.8
0.70
160
6.3 x 5.8
0.36
240
6.3 x 5.8
0.36
240
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
6.3 x 7.7
0.26
300
68
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 5.8
0.36
240
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
6.3 x 7.7
0.26
300
6.3 x 7.7
0.26
300
100
6.3 x 5.8
(5 x 5.8)
0.36
(0.70)
240
(160)
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
6.3 x 7.7
0.26
300
8 x 10.5
0.16
600
150
6.3 x 5.8
0.36
240
6.3 x 7.7
0.26
300
6.3 x 7.7
0.26
300
8 x 10.5
(6.3 x 7.7)
0.16
(0.26)
600
(300)
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600)
220
6.3 x 7.7
(6.3 x 5.8)
0.26
(0.36)
300
(240)
6.3 x 7.7
0.26
300
8 x 10.5
(6.3 x 7.7)
0.16
(0.26)
600
(300)
8 x 10.5
0.16
600
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600)
330
6.3 x 7.7
0.26
300
8 x 10.5
0.16
600
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600)
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600) 10 x 10.5
0.08
850
470
8 x 10.5
0.16
600
8 x 10.5
0.16
600
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600)
10 x 10.5
0.08
850
680
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600)
10 x 10.5
0.08
850
10 x 10.5
0.08
850
1000
10 x 10.5
(8 x 10.5)
0.08
(0.16)
850
(600)
10 x 10.5
0.08
850
1500
10 x 10.5
0.08
850
maximum impedance ( ) at 20 C 100kHz, ripple current (mA rms) at 105 C 120Hz
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.35
0.50
0.64
0.83
1.00
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Case size
∅D×L (mm),
Case size
Ripple
current
Impedance
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - FZ1V220KC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FZ1000R33HE3 INFINEON-FZ1000R33HE3 Datasheet
468Kb / 9P
   IHM-B module with fast Trench/Fieldstop IGBT3 and Emitter Controlled3 diode
2010-07-16 revision:2.2
logo
Power Integrations, Inc...
FZ1000R33HE3 POWERINT-FZ1000R33HE3 Datasheet
221Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-26
logo
Infineon Technologies A...
FZ1000R33HL3 INFINEON-FZ1000R33HL3 Datasheet
471Kb / 9P
   IHM-B module with Trench/Fieldstop IGBT3 and Emitter Controlled3 diode
2010-04-26 revision:2.4
logo
Power Integrations, Inc...
FZ1000R33HL3 POWERINT-FZ1000R33HL3 Datasheet
220Kb / 9P
   SCALE-2 Plug-and-Play Drivers
2019-03-26
logo
GOOD-ARK Electronics
FZ1110 GOOD-ARK-FZ1110 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes
More results

Similar Description - FZ1V220KC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
KZ1H010KC DBLECTRO-KZ1H010KC Datasheet
564Kb / 13P
   CHIP TYPE, EXTRA LOW IMPEDANCE
logo
jb Capacitors Company
JRD JBCAPACITORS-JRD Datasheet
480Kb / 3P
   Low Impedance, Long Life
logo
RUBYCON CORPORATION
16YXF470MEFC10X12.5 RUBYCON-16YXF470MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF330MEFC10X20 RUBYCON-50YXF330MEFC10X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
63YXF100MEFC10X12.5 RUBYCON-63YXF100MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF470MEFC12.5X20 RUBYCON-50YXF470MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
logo
DB Lectro Inc
EL1A100KC DBLECTRO-EL1A100KC Datasheet
515Kb / 13P
   CHIP TYPE, LONG LIFE ASSURANCE
logo
RUBYCON CORPORATION
50YXF100MEFC8X11.5 RUBYCON-50YXF100MEFC8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
100YXF100MEFC12.5X20 RUBYCON-100YXF100MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com