Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CK1A100KC Datasheet(PDF) 2 Page - DB Lectro Inc

Part # CK1A100KC
Description  CHIP TYPE, WIDE TEMPERATURE RANGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CK1A100KC Datasheet(HTML) 2 Page - DB Lectro Inc

  CK1A100KC Datasheet HTML 1Page - DB Lectro Inc CK1A100KC Datasheet HTML 2Page - DB Lectro Inc CK1A100KC Datasheet HTML 3Page - DB Lectro Inc CK1A100KC Datasheet HTML 4Page - DB Lectro Inc CK1A100KC Datasheet HTML 5Page - DB Lectro Inc CK1A100KC Datasheet HTML 6Page - DB Lectro Inc CK1A100KC Datasheet HTML 7Page - DB Lectro Inc CK1A100KC Datasheet HTML 8Page - DB Lectro Inc CK1A100KC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CK Series
DIMENSIONS & MAXIMUM PERMISSIBLE RIPPLE CURRENT
46.3
10
16
WV
F
Case size
R.C.
Case size
R.C.
Case size
R.C.
Case size
R.C.
10
4x5.4
18
22
4 x 5.4
22
5 x 5.4
25
5 x 5.4
27
33
4 x 5.4
18
5 x 5.4
27
5 x 5.4
30
6.3 x 5.4
40
47
4 x 5.4
23
5 x 5.4
33
6.3 x 5.4
41
6.3 x 5.4
48
100
5 x 5.4
42
6.3 x 5.4
50
6.3 x 5.4
53
6.3 x 5.4
60
150
6.3 x 5.4
61
6.3 x 5.4
55
6.3 x 5.4
62
6.3 x 7.7
95
220
6.3 x 5.4
68
6.3 x 7.7
105
6.3 x 7.7
105
6.3 x 7.7
105
330
6.3 x 7.7
73
6.3 x 7.7
105
8 x 10.5
175
8 x 10.5
195
470
6.3 x 7.7
105
8 x 10.5
170
8 x 10.5
210
10 x 10.5
310
680
8 x 10.5
210
8 x 10.5
210
10 x 10.5
310
10 x 10.5
350
1000
8 x 10.5
260
10 x 10.5
230
1500
10 x 10.5
310
10 x 10.5
260
25
35
50
WV
F
Case size
R.C.
Case size
R.C.
Case size
R.C.
0.1
4x5.4
0.7
0.22
4x5.4
1.6
0.33
4x5.4
2.5
0.47
4x5.4
3.5
1
4x5.4
7
2.2
4x5.4
11
3.3
4 x 5.4
13
4 x 5.4
13
4.7
4 x 5.4
13
4 x 5.4
14
5 x 5.4
16
10
5 x 5.4
20
5 x 5.4
21
6.3 x 5.4
24
22
6.3 x 5.4
36
6.3 x 5.4
38
6.3 x 7.7
51
33
6.3 x 5.4
44
6.3 x 5.4
42
6.3 x 7.7
60
47
6.3 x 5.4
48
6.3 x 7.7
49
6.3 x 7.7
63
100
6.3 x 7.7
91
8 x 10.5
155
8 x 10.5
155
150
8 x 10.5
140
8 x 10.5
155
10 x 10.5
300
220
8 x 10.5
175
10 x 10.5
300
330
10 x 10.5
220
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.70
1.00
1.17
1.36
1.50
Note: All design and specifications are for reference only and is subject to change without prior notice. If any doubt about safety for
your application, please contact us immediately for technical assistance before purchase.
Case size
∅D×L (mm), ripple current (mA rms) at 105°C 120Hz
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - CK1A100KC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CK1-11 ETC-CK1-11 Datasheet
42Kb / 2P
   Manual Motor Starters Accessories
logo
Continental Device Indi...
CK100 CDIL-CK100 Datasheet
47Kb / 3P
   NPN SILICON PLANAR TRANSISTORS
logo
Power-One
CK1001-7R POWER-ONE-CK1001-7R Datasheet
173Kb / 4P
   150 Watt DC-DC Converters
logo
Continental Device Indi...
CK100A CDIL-CK100A Datasheet
47Kb / 3P
   NPN SILICON PLANAR TRANSISTORS
CK100B CDIL-CK100B Datasheet
47Kb / 3P
   NPN SILICON PLANAR TRANSISTORS
More results

Similar Description - CK1A100KC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWT1E101MCL1GS NICHICON-UWT1E101MCL1GS Datasheet
414Kb / 3P
   Chip Type, Wide Temperature Range
logo
DB Lectro Inc
KP1H010KC DBLECTRO-KP1H010KC Datasheet
507Kb / 13P
   CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
logo
NIHON DEMPA KOGYO
2725T_18 NDK-2725T_18_03 Datasheet
901Kb / 1P
   Wide Operating Temperature Range Type
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
   Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
   Wide Temperature Range
logo
Ironwood Electronics.
GT-QFN-3013 IRONWOOD-GT-QFN-3013 Datasheet
815Kb / 5P
   Wide temperature range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com