Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HU1E100KC Datasheet(PDF) 7 Page - DB Lectro Inc

Part # HU1E100KC
Description  CHIP TYPE, MID-TO-HIGH VOLTAGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HU1E100KC Datasheet(HTML) 7 Page - DB Lectro Inc

Back Button HU1E100KC Datasheet HTML 3Page - DB Lectro Inc HU1E100KC Datasheet HTML 4Page - DB Lectro Inc HU1E100KC Datasheet HTML 5Page - DB Lectro Inc HU1E100KC Datasheet HTML 6Page - DB Lectro Inc HU1E100KC Datasheet HTML 7Page - DB Lectro Inc HU1E100KC Datasheet HTML 8Page - DB Lectro Inc HU1E100KC Datasheet HTML 9Page - DB Lectro Inc HU1E100KC Datasheet HTML 10Page - DB Lectro Inc HU1E100KC Datasheet HTML 11Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
GENERAL INFORMATION FOR APPLICATION
The following precautions must be observed when using electrolytic capacitors.
1. Circuit Design
1) Please make sure that the environmental and mounting conditions to which the capacitor to be
exposed are within the conditions specified in this catalogue.
2) Operating temperature and applied ripple must be within the specifications.
3) Appropriate capacitors, which comply with the life requirement of the products, should be selected
when designing the circuit.
4) Aluminum electrolytic capacitors are polarized. Do not apply reserve voltage or AC voltage. Please
use non-polarized capacitors for a circuit that can possibly see reserved polarity.
Note: Non-polarizes capacitors cannot be used for AC voltage application.
5) Do not use aluminum electrolytic capacitors in a circuit that requires rapid and very frequent charge
or discharge. In this type of circuit, it is necessary to use special design capacitors with extended life
characteristics.
6) Do not apply excess voltage.
Pleased pay attention so that the peak voltage, which is DC voltage overlapped by ripple current,
should not exceed the rated voltage.
In the case where more than two aluminum electrolytic capacitors are used in series, please
make sure that applied voltage should be lower than rated voltage should be applied to each
capacitor equally using a balancing resistor in parallel with the capacitor.
7) Outer sleeved of the capacitor is not guarantee as an electrical insulator. Do not use standard sleeve
on a capacitor in applications that require electrical insulation. When the application requires special
insulation, please contact our sales office for details.
8) Capacitors must not be used under following conditions:
(a) Capacitors must not be exposed to water (including condensation), brine or oil.
(b) Ambient conditions that include toxic gases such as hydrogen sulfide, sulfurous acid, nitrous
acid, chlorine, ammonium, etc.
(c) Ambient conditions that expose the capacitor to ozone, ultraviolet ray and radiation.
Severe vibration and physical shock conditions that exceed our specification.
Vibration test condition:
Vibration frequency range: 10~55~10Hz
Sweet rate
: 10~55~10Hz per minute
Sweet method
: logarithmic
Amplitude or acceleration: 1.5 (max. acceleration is 10G)
Direction of vibration
Testing time
: 2 hours per each direction
Shock is not applicable normally.
If a particular condition is required, please contact our sales office.
: X, Y, Z direction
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - HU1E100KC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HU10 ETC-HU10 Datasheet
258Kb / 2P
   HUMIDITY SENSORS
logo
Microsemi Corporation
HU100 MICROSEMI-HU100 Datasheet
215Kb / 4P
   Ultrafast Recovery Modules
HU10005 MICROSEMI-HU10005 Datasheet
213Kb / 4P
   Ultrafast Recovery Modules
HU10010 MICROSEMI-HU10010 Datasheet
213Kb / 4P
   Ultrafast Recovery Modules
HU10015 MICROSEMI-HU10015 Datasheet
213Kb / 4P
   Ultrafast Recovery Modules
More results

Similar Description - HU1E100KC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R2A152K080AA TDK-CGJ3E2X7R2A152K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A472K080AA TDK-CGJ3E2X7R2A472K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D151J080AA TDK-CGJ3E3C0G2D151J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D471J080AA TDK-CGJ3E3C0G2D471J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A103K080AA TDK-CGJ3E2X7R2A103K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A222K080AA TDK-CGJ3E2X7R2A222K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D121J080AA TDK-CGJ3E3C0G2D121J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D181J080AA TDK-CGJ3E3C0G2D181J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D331J080AA TDK-CGJ3E3C0G2D331J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D681J080AA TDK-CGJ3E3C0G2D681J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com