Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ2D471LT Datasheet(PDF) 1 Page - DB Lectro Inc

Part # LZ2D471LT
Description  CHIP TYPE, LOW IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

LZ2D471LT Datasheet(HTML) 1 Page - DB Lectro Inc

  LZ2D471LT Datasheet HTML 1Page - DB Lectro Inc LZ2D471LT Datasheet HTML 2Page - DB Lectro Inc LZ2D471LT Datasheet HTML 3Page - DB Lectro Inc LZ2D471LT Datasheet HTML 4Page - DB Lectro Inc LZ2D471LT Datasheet HTML 5Page - DB Lectro Inc LZ2D471LT Datasheet HTML 6Page - DB Lectro Inc LZ2D471LT Datasheet HTML 7Page - DB Lectro Inc LZ2D471LT Datasheet HTML 8Page - DB Lectro Inc LZ2D471LT Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LZ Series
Characteristics
Operation Temperature Range
-55 ~ +105°C
Rated Working Voltage
6.3 ~ 50V
Capacitance Tolerance
±20% at 120Hz, 20°C
I 0.01CV or 3 A whichever is greater (after 2 minutes)
Leakage Current
I: Leakage current ( A)
C: Normal capacitance ( F)
V: Rated voltage (V)
Measurement frequency: 120Hz, Temperature: 20°C
WV
6.3
10
16
25
35
50
tan
0.19
0.16
0.14
0.12
0.12
Dissipation Factor max.
Rated voltage (V)
6.3
10
16
25
35
50
Z(-25°C) / Z(20°C)
2
2
2
2
2
2
Impedance ratio
ZT/Z20 (max.)
Z(-40°C) / Z(20°C)
5
4
4
3
3
3
Low Temperature Characteristics
(Measurement frequency: 120Hz)
Capacitance Change
Within 20% of initial value
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life
After leaving capacitors under no load at 105°C for 1000 hours, they meet the specified value
for load life characteristics listed above.
Capacitance Change
Within 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
Resistance to Soldering Heat
Reference Standard
JIS C-5141 and JIS C-5102
D x L
4 x 5.4
5 x 5.4
6.3 x 5.4
6.3 x 7.7
8 x 10.5
10 x 10.5
A
1.8
2.1
2.4
2.4
2.9
3.2
B
4.3
5.3
6.6
6.6
8.3
10.3
C
4.3
5.3
6.6
6.6
8.3
10.3
E
1.0
1.3
2.2
2.2
3.1
4.5
L
5.4
5.4
5.4
7.7
10.5
10.5
SPECIFICATIONS
DRAWING (Unit: mm)
DIMENSIONS (Unit: mm)
0.22
Negative
0.5~0.8
Plastic plateform
0.3max.
Positive
C 0.2
*Voltage mark for 6.3V is [6V]
L 0.3
CHIP TYPE,
LOW IMPEDANCE
Low impedance, temperature range up to +105 C
Load life of 1000~2000 hours
Items
Load Life
(After 2000 hours (1000 hours for 4,
5, 6.3x5.4) application of the rated
voltage at 105°C, capacitors meet the
characteristics requirements listed.)
Comply with the RoHS directive (2002/95/EC)
After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at
room temperature,
they meet the characteristics requirements listed as below.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - LZ2D471LT

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
LZ20V YEASHIN-LZ20V Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
ebm-papst
LZ210 EBMPAPST-LZ210 Datasheet
112Kb / 1P
   SPECIAL PARTS - TUBEAXIAL FAN
LZ212 EBMPAPST-LZ212 Datasheet
112Kb / 1P
   SPECIAL PARTS - TUBEAXIAL FAN
logo
Sharp Corporation
LZ21N3 SHARP-LZ21N3 Datasheet
153Kb / 19P
   1/2-type Interline Color CCD Area Sensor with 2 140 k Pixels
LZ21N3V SHARP-LZ21N3V Datasheet
161Kb / 18P
   1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels
More results

Similar Description - LZ2D471LT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCM NICHICON-UCM Datasheet
965Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
DB Lectro Inc
KZ1H010KC DBLECTRO-KZ1H010KC Datasheet
564Kb / 13P
   CHIP TYPE, EXTRA LOW IMPEDANCE
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com