Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KZ1J010MT Datasheet(PDF) 10 Page - DB Lectro Inc

Part # KZ1J010MT
Description  CHIP TYPE, EXTRA LOW IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KZ1J010MT Datasheet(HTML) 10 Page - DB Lectro Inc

Back Button KZ1J010MT Datasheet HTML 5Page - DB Lectro Inc KZ1J010MT Datasheet HTML 6Page - DB Lectro Inc KZ1J010MT Datasheet HTML 7Page - DB Lectro Inc KZ1J010MT Datasheet HTML 8Page - DB Lectro Inc KZ1J010MT Datasheet HTML 9Page - DB Lectro Inc KZ1J010MT Datasheet HTML 10Page - DB Lectro Inc KZ1J010MT Datasheet HTML 11Page - DB Lectro Inc KZ1J010MT Datasheet HTML 12Page - DB Lectro Inc KZ1J010MT Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LEAD FREE REFLOW SOLDERING CONDITION
(Applicable to Chip Type Aluminum Electrolytic Capacitors)
Recommended Conditions for Reflow Soldering
(1) A thermal condition system such as infrared radiation (IR) or hot blast should be adopted, and
vapor heat transfer systems (VPS) are not recommended.
(2) Reflow soldering should be performed one time. If the capacitor has to be reflowed twice, 30
minutes must be layout between each time.
(3) For lead-free type reflow soldering, please observe proper conditions below:
a) The time of preheating from 150°C to 200°C shall be within maximum 180 seconds;
b) The time of soldering temperature at 217°C measured on capacitors' top shall not exceed
tL (second);
c) The peak temperature on capacitors' top shall not exceed Tp(°C), and the time within 5°C
of actual peak temperature shall not exceed tp (second).
Classification Reflow Profile
*1. Average ramp-up rate is 3
/second max.
*2. Ramp-down rate is 6
/second max.
*3. Time from 25
to peak temperature is 8 minutes max.
tp
20 0
25
21 7
Tp
15 0
t L
25 t o Peak * 3
Ramp-down
Ramp-up *1
*2
P reheat 180 s ec Max
Ti m e
Critical Zone
217t oTp
Allowable Range of Peak Temperature
Size
Thickness (mm)
Volume (mm
3)
Tp(°C)
tL (second)
tp (second)
4~ 6.3,
8 6.2L
2.5
<350
250±0
90
5
8 10.5L
2.5
350~2000
240±0
90
5
10 10.5L/13.5L
2.5
350~2000
235±0
60
5
12.5,
16
2.5
>2000
230±0
30 (20*)
5
Re: (20*) is special for mid-to-high voltage which is HU series.
Recommended Land Size (Unit: mm)
Size
ab
c
4
1.6
2.6
1.6
5
1.6
3.0
1.6
6.3
1.6
3.5
1.6
8×6.2L
2.1
4.5
1.6
8×10.5L
3.0
3.5
2.5
10
4.0
4.0
2.5
12.5
4.0
5.7
3.0
16×16.5/21.5
6.0
6.5
3.5
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - KZ1J010MT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KZ103 SCHNEIDER-KZ103 Datasheet
113Kb / 2P
   legend holder with blank legend plate - for front plate 90 x 90 mm
Feb 10, 2022
KZ106 SCHNEIDER-KZ106 Datasheet
144Kb / 2P
   adaptor plate 90 x 90 mm for door mounting of handle - set of 5
Feb 10, 2022
KZ127 SCHNEIDER-KZ127 Datasheet
138Kb / 2P
   adaptor plate for 횠22 cam switch with metal bezel
Feb 10, 2022
KZ18 SCHNEIDER-KZ18 Datasheet
119Kb / 2P
   legend for cam switch unmarked - 45 x 45 mm
Feb 10, 2022
KZ18451 SCHNEIDER-KZ18451 Datasheet
115Kb / 2P
   legend for cam switch 1 - 0 - 2 - 45 x 45 mm
Feb 10, 2022
More results

Similar Description - KZ1J010MT

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCM NICHICON-UCM Datasheet
965Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
logo
DB Lectro Inc
LZ1H010KC DBLECTRO-LZ1H010KC Datasheet
508Kb / 13P
   CHIP TYPE, LOW IMPEDANCE
logo
Nichicon corporation
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com