Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SC2655 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. 2SC2655
Description  Silicon NPN Epitaxial Type (PCT Process)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 1 page
background image
2SC2655
2006-11-09
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC2655
Power Amplifier Applications
Power Switching Applications
• Low saturation voltage: VCE (sat) = 0.5 V (max) (IC = 1 A)
• High collector power dissipation: PC = 900 mW
• High-speed switching: tstg = 1.0 μs (typ.)
• Complementary to 2SA1020.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
2
A
Base current
IB
0.5
A
Collector power dissipation
PC
900
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Industrial Applications
Unit: mm
JEDEC
TO-92MOD
JEITA
TOSHIBA
2-5J1A
Weight: 0.36 g (typ.)




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPCP8901TOSHIBA Transistor Silicon NPN / PNP Epitaxial Type PCT Process 1 2 3 4 5 MoreToshiba Semiconductor
2SC3422_06Silicon NPN Epitaxial Type PCT Process Audio Frequency Power Amplifier 1 2 3 4 Toshiba Semiconductor
2SC5233_07Silicon NPN Epitaxial Type PCT process 1 2 3 4 5 Toshiba Semiconductor
2SC2235_06Silicon NPN Epitaxial Type PCT Process 1 2 3 4 Toshiba Semiconductor
2SC3423_06Silicon NPN Epitaxial Type PCT Process Audio Frequency Amplifier Applications 1 2 3 4 5 Toshiba Semiconductor
2SC2236_06Silicon NPN Epitaxial Type PCT Process 1 2 3 4 Toshiba Semiconductor
2SC3112_07Silicon NPN Epitaxial Type PCT process For Audio Amplifier and Switching Applications 1 2 3 4 Toshiba Semiconductor
2SC3437_07Silicon NPN Epitaxial Type PCT process Ultra High Speed Switching Applications 1 2 3 4 5 Toshiba Semiconductor
2SC2240_07Silicon NPN Epitaxial Type PCT process 1 2 3 4 5 Toshiba Semiconductor
2SC3621_06Silicon NPN Epitaxial Type PCT Process Color TV Vertitcal Deflection Output Applications 1 2 3 4 5 Toshiba Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl