Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5122 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC5122
Description  Silicon NPN Triple Diffused Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5122 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5122 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5122 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5122 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5122 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5122
2006-11-10
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 400 V, IE = 0
1
μA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 1 mA, IB = 0
400
V
hFE (1)
VCE = 5 V, IC = 1 mA
80
DC current gain
hFE (2)
VCE = 5 V, IC = 20 mA
100
300
Collector-emitter saturation voltage
VCE (sat)
IC = 20 mA, IB = 0.5 mA
0.4
1.0
V
Base-emitter voltage
VBE
VCE = 5 V, IC = 20 mA
0.7
1.0
V
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
4
pF
Marking
C5122
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SC5122

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5122 TOSHIBA-2SC5122 Datasheet
131Kb / 2P
   NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SC5122 TOSHIBA-2SC5122 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5122

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2793 TOSHIBA-2SC2793 Datasheet
211Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SD641 TOSHIBA-2SD641 Datasheet
92Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
logo
KEC(Korea Electronics)
BF420 KEC-BF420 Datasheet
52Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
BF422 KEC-BF422 Datasheet
52Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SC5459 TOSHIBA-2SC5459_07 Datasheet
141Kb / 4P
   Silicon NPN Triple Diffused Type
2N3055 TOSHIBA-2N3055 Datasheet
186Kb / 2P
   silicon NPN triple diffused type
2SD1408 TOSHIBA-2SD1408 Datasheet
105Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SC6034 TOSHIBA-2SC6034 Datasheet
180Kb / 5P
   Silicon NPN Triple Diffused Type
logo
Guangdong Kexin Industr...
2SC3138 KEXIN-2SC3138 Datasheet
37Kb / 1P
   Silicon NPN Triple Diffused Type
logo
Toshiba Semiconductor
2SC3182 TOSHIBA-2SC3182 Datasheet
91Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
2SD845 TOSHIBA-2SD845 Datasheet
242Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com