Part Name
Included
start with
end
match
Description
2SC5085_07
Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications ( 7 Page)
TOSHIBA
100%
2 page
2SC5085
2007-11-01
2
Marking
Html Pages
1
2
3
4
5
6
7
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
2SC5064_07
Silicon
NPN
Epitaxial
Planar
Type
VHF~UHF
Band
Low
Noise
Amplifier
Applications
1
2
3
4
5
More
Toshiba Semiconductor
2SC5065_07
Silicon
NPN
Epitaxial
Planar
Type
VHF~UHF
Band
Low
Noise
Amplifier
Applications
1
2
3
4
5
More
Toshiba Semiconductor
2SC5066_07
Silicon
NPN
Epitaxial
Planar
Type
VHF~UHF
Band
Low
Noise
Amplifier
Applications
1
2
3
4
5
More
Toshiba Semiconductor
2SC5066FT_07
Silicon
NPN
Epitaxial
Planar
Type
VHF~UHF
Band
Low
Noise
Amplifier
Applications
1
2
3
Toshiba Semiconductor
2SC5084_07
Silicon
NPN
Epitaxial
Planar
Type
VHF~UHF
Band
Low
Noise
Amplifier
Applications
1
2
3
4
5
More
Toshiba Semiconductor
2SC2879A
SILICON
NPN
EPITAXIAL
PLANAR
TYPE
2~30MHz
SSB
LINEAR
POWER
AMPLIFIER
APPLICATIONS
LOW
SUPPLY
VOLTAGE
USE
1
2
3
4
Toshiba Semiconductor
2SC3324_07
Silicon
NPN
Epitaxial
Type
PCT
process
Audio
Frequency
Low
Noise
Amplifier
Applications
1
2
3
4
5
Toshiba Semiconductor
2SC4118_07
Silicon
NPN
Epitaxial
Type
PCT
process
Audio
Frequency
Low
Power
Amplifier
Applications
1
2
3
4
Toshiba Semiconductor
2SC3807C
NPN
Epitaxial
Planar
Silicon
Transistor
25V
/
2A
High-hFE
Low
Frequency
General-Purpose
Amplifier
Applications
1
2
3
4
Sanyo Semicon Device
2SC4215_07
Silicon
NPN
Epitaxial
Planar
Type
High
Frequency
Amplifier
Applications
1
2
3
4
5
Toshiba Semiconductor
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl