Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5075 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5075
Description  Silicon NPN Triple Diffused Type Switching Regulator and High-Voltage Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5075 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5075_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5075_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5075_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5075_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5075_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5075
2006-11-10
4
Collector-emitter voltage VCE (V)
rth – tw
Pulse width tw (s)
Safe Operating Area
Curves should be applied in thermal limited area. (single nonrepetitive pulse)
Ta = 25°C
1000
0.1
0.001
0.01
1
10
100
1000
0.1
10
100
1
300
50
30
5
3
0.5
0.3
500
*: Single nonrepetitive pulse
Ta = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max (continuous)
IC max (pulsed)*
DC operation
Ta = 25°C
0.001
0.3
1
3
10
30
1000
0.1
0.03
10 ms*
1 ms*
100 ms*
VCEO max
1
0.3
10
3
0.01
0.003
100
300


Similar Part No. - 2SC5075_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5075 TOSHIBA-2SC5075 Datasheet
203Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
2SC5075 TOSHIBA-2SC5075 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5075_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5352 TOSHIBA-2SC5352_06 Datasheet
131Kb / 4P
   Silicon NPN Triple Diffused Type Switching Regulator and High-Voltage Switching Applications
2SC3405 TOSHIBA-2SC3405_06 Datasheet
184Kb / 5P
   Silicon NPN Triple Diffused Type Switching Regulator and High Voltage Switching Applications
2SC5172 TOSHIBA-2SC5172_06 Datasheet
143Kb / 5P
   Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High-Voltage Switching Applications
2SC5353 TOSHIBA-2SC5353_06 Datasheet
146Kb / 5P
   Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching Applications
2SC5266A TOSHIBA-2SC5266A_06 Datasheet
129Kb / 4P
   Silicon NPN Triple Diffused Type Switching Regulator Applications
2SC5439 TOSHIBA-2SC5439_06 Datasheet
140Kb / 4P
   Silicon NPN Triple Diffused Type Switching Regulator Applications
2SC5351 TOSHIBA-2SC5351_06 Datasheet
136Kb / 5P
   Silicon NPN Triple Diffused Type High-Voltage Switching Applications
2SC5208 TOSHIBA-2SC5208 Datasheet
167Kb / 5P
   Silicon NPN Triple Diffused Type High-Voltage Switching Applications
2SC3075 TOSHIBA-2SC3075_06 Datasheet
170Kb / 5P
   Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching
2SC3307 TOSHIBA-2SC3307_06 Datasheet
171Kb / 5P
   Silicon NPN Triple Diffused Type High-Speed and High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com