Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4118 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC4118
Description  Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4118 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC4118 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4118 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4118 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4118 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4118
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 35 V, IE = 0
0.1
μA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
0.1
μA
hFE (1) (Note) VCE = 1 V, IC = 100 mA
70
400
DC current gain
hFE (2) (Note) VCE = 6 V, IC = 400 mA
25
Collector-emitter saturation voltage
VCE (sat)
IC = 100 mA, IB = 10 mA
0.1
0.25
V
Base-emitter voltage
VBE
VCE = 1 V, IC = 100 mA
0.8
1.0
V
Transition frequency
fT
VCE = 6 V, IC = 20 mA
300
MHz
Collector output capacitance
Cob
VCB = 6 V, IE = 0, f = 1 MHz
7
pF
Note: hFE (1) classification O(O): 70~140, Y(Y): 120~240, GR(G): 200~400 (
) Marking Symbol
hFE (2) classification O: 25 (min), Y: 40 (min), GR: 70 (min)


Similar Part No. - 2SC4118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4118 TOSHIBA-2SC4118 Datasheet
140Kb / 3P
   NPN EPITAXIAL TYPE (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING SPPLICATIONS)
logo
Guangdong Kexin Industr...
2SC4118 KEXIN-2SC4118 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial
More results

Similar Description - 2SC4118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3325 TOSHIBA-2SC3325_07 Datasheet
302Kb / 4P
   Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Power Amplifier Applications
2SC3421 TOSHIBA-2SC3421_06 Datasheet
120Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
2SC4666 TOSHIBA-2SC4666_07 Datasheet
458Kb / 4P
   Silicon NPN Epitaxial Type (PCT process) Audio Frequency Amplifier Applications
2SC3423 TOSHIBA-2SC3423_06 Datasheet
125Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Amplifier Applications
2SC2859 TOSHIBA-2SC2859_07 Datasheet
311Kb / 3P
   Silicon NPN Epitaxial (PCT process) Audio Frequency Low Power Amplifier Applications
2SC3324 TOSHIBA-2SC3324_07 Datasheet
663Kb / 5P
   Silicon NPN Epitaxial Type (PCT process) Audio Frequency Low Noise Amplifier Applications
2SC3422 TOSHIBA-2SC3422_06 Datasheet
120Kb / 4P
   Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Power Amplifier
HN1A02F TOSHIBA-HN1A02F Datasheet
127Kb / 3P
   Silicon PNP Epitaxial Type (PCT Process) Audio Frequency Power Amplifier Applications
2SC4207 TOSHIBA-2SC4207_07 Datasheet
417Kb / 4P
   Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
HN1B01F TOSHIBA-HN1B01F_07 Datasheet
364Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Audio-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com