Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESDA6V1-5W5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDA6V1-5W5
Description  TRANSIL??array for data protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-5W5 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDA6V1-5W5 Datasheet HTML 1Page - STMicroelectronics ESDA6V1-5W5 Datasheet HTML 2Page - STMicroelectronics ESDA6V1-5W5 Datasheet HTML 3Page - STMicroelectronics ESDA6V1-5W5 Datasheet HTML 4Page - STMicroelectronics ESDA6V1-5W5 Datasheet HTML 5Page - STMicroelectronics ESDA6V1-5W5 Datasheet HTML 6Page - STMicroelectronics ESDA6V1-5W5 Datasheet HTML 7Page - STMicroelectronics ESDA6V1-5W5 Datasheet HTML 8Page - STMicroelectronics ESDA6V1-5W5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ESDAxxxWx
1 Characteristics
5/11
Figure 7.
Capacitance versus reverse applied
voltage (typical values)
(ESDA6V1W5 / ESDA6V1-5W6)
Figure 8.
Relative variation of leakage current
versus junction temperature
(typical values)
Figure 9.
Peak forward voltage drop versus
peak forward current (typical
values) (ESDA25W / ESDA25W5)
Figure 10. Peak forward voltage drop versus
peak forward current
(typical values)
(ESDA6V1W5 / ESDA6V1-5W6)
Figure 11. ESD response to IEC61000-4-2
(air discharge 15 kV, positive surge)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
70
60
50
40
30
20
80
C(pF)
ESDA6V1W5
ESDA6V1-5W6
V(V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
25
50
75
100
125
1
10
100
1000
T (°C)
j
I [T ] / I [T =25°C]
Rj
Rj
ESDA25W
ESDA6V1-5W6
ESDA6V1W5
ESDA25W5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
3.5
4.0
1E-3
1E-2
1E-1
1E+0
I
(A)
FM
V
(V)
FM
T = 25°C
j
ESDA25W / ESDA25W5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1E-3
1E-2
1E-1
1E+0
I
(A)
FM
ESDA6V1W5
ESDA6V1-5W6
V
(V)
FM
T = 25°C
j


Similar Part No. - ESDA6V1-5W5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1-5W6 STMICROELECTRONICS-ESDA6V1-5W6 Datasheet
76Kb / 9P
   TRANSIL ARRAY FOR ESD PROTECTION
ESDA6V1-5W6 STMICROELECTRONICS-ESDA6V1-5W6 Datasheet
110Kb / 11P
   TRANSIL array for data protection
logo
Will Semiconductor Ltd.
ESDA6V1-5W6 WILLSEMI-ESDA6V1-5W6 Datasheet
126Kb / 4P
   Transient Voltage Suppressors for ESD Protection
logo
Shanghai Leiditech Elec...
ESDA6V1-5W6 LEIDITECH-ESDA6V1-5W6 Datasheet
334Kb / 3P
   Quad TVS Diode Array
Rev : 01.06.2018
logo
Will Semiconductor Ltd.
ESDA6V1-5W6-6/TR WILLSEMI-ESDA6V1-5W6-6/TR Datasheet
126Kb / 4P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - ESDA6V1-5W5

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
ESDA6V1W5 BWTECH-ESDA6V1W5 Datasheet
505Kb / 4P
   Transil array for data protection
logo
STMicroelectronics
SOT323-3L STMICROELECTRONICS-SOT323-3L Datasheet
110Kb / 11P
   TRANSIL array for data protection
logo
AiT Semiconductor Inc.
ESDA6V1W6 AITSEMI-ESDA6V1W6 Datasheet
553Kb / 8P
   TRANSIL ARRAY FOR DATA PROTECTION
REV1.0
logo
First Silicon Co., Ltd
ESDA6V1W6 FS-ESDA6V1W6 Datasheet
236Kb / 4P
   Transil array for data protection
logo
Bruckewell Technology L...
ESDA6V1W6 BWTECH-ESDA6V1W6 Datasheet
426Kb / 4P
   Transil array for data protection
logo
Leshan Radio Company
LESDA6V1W6T1G LRC-LESDA6V1W6T1G Datasheet
344Kb / 4P
   Transil array for data protection
logo
STMicroelectronics
ITAXXU1 STMICROELECTRONICS-ITAXXU1_07 Datasheet
90Kb / 8P
   Transil array for data line protection
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5_06 Datasheet
89Kb / 7P
   Quad TRANSIL array for data protection
ITAXXB1 STMICROELECTRONICS-ITAXXB1_07 Datasheet
88Kb / 7P
   Bidirectional Transil??array for data line protection
ITAXXB3 STMICROELECTRONICS-ITAXXB3 Datasheet
112Kb / 8P
   Bidirectional Transil array for data line protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com