Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8838BEET150Z Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8838BEET150Z
Description  High PSRR, 150mA CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8838BEET150Z Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8838BEET150Z Datasheet HTML 1Page - Analog Microelectronics AME8838BEET150Z Datasheet HTML 2Page - Analog Microelectronics AME8838BEET150Z Datasheet HTML 3Page - Analog Microelectronics AME8838BEET150Z Datasheet HTML 4Page - Analog Microelectronics AME8838BEET150Z Datasheet HTML 5Page - Analog Microelectronics AME8838BEET150Z Datasheet HTML 6Page - Analog Microelectronics AME8838BEET150Z Datasheet HTML 7Page - Analog Microelectronics AME8838BEET150Z Datasheet HTML 8Page - Analog Microelectronics AME8838BEET150Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AME, Inc.
1
AME8838
High PSRR, 150mA CMOS LDO
Rev.E.04
n Typical Application
n Functional Block Diagram
l Very Low Dropout Voltage
l Guaranteed 150mA Output
l 30
µA Quiescent Current
l Over-Temperature Shutdown
l Current Limiting
l Excellent PSRR (Typ. 65dB)
l Power-Saving Shutdown Mode
l Ultra-small SC-70-5, SC-70-4 & SOT-23
l Factory Pre-set Output Voltages
l Low Temperature Coefficient
l Input Voltage Range (2V - 6V)
l All AME's lead free Products Meet RoHS
Standard.
The AME8838 family of positive, linear regulators fea-
ture low quiescent current (30
µA typ.) low dropout volt-
age and excellent PSRR, thus making them ideal for Tele-
communications and other battery applications. The ul-
tra-small SC-70-5, SC-70-4 & SOT-23 packages are at-
tractive for "Pocket" and "Hand Held" applications.
These rugged devices have both Thermal Shutdown and
Current limit to prevent device failure under the "Worst"
operating conditions.
The AME8838 is stable with an output capacitance of
1
µF or larger.
l Cellular Phones
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets
l Cameras
l Telecommunications
n General Description
n Features
n Applications
1
µF
OUT
IN
C2
AME8838
GND
OUT
EN
IN
C1
1
µF
IN
GND
OUT
IN
Overcurrent
Shutdown
Thermal
Shutdown
EN
Vref
AMP
R1
R2
-
+
Packages


Similar Part No. - AME8838BEET150Z

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8830 AKM-AME8830 Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8830AEEV285Y AKM-AME8830AEEV285Y Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8830AEEV285Z AKM-AME8830AEEV285Z Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Analog Microelectronics
AME8831AEEV180Y AME-AME8831AEEV180Y Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8838BEET150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
   High PSRR 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com