Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR2R5104Z Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SR2R5104Z
Description  Primary or back-up power supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SR2R5104Z Datasheet(HTML) 2 Page - DB Lectro Inc

  SR2R5104Z Datasheet HTML 1Page - DB Lectro Inc SR2R5104Z Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Supercapacitor
Features
-
RoHS compliant
-
High capacitance and low resistance for long cycle life applications
-
Small sized, light weight and maintenance free
-
Wider temperature range(-25 ~ 70℃)
Applications
Primary or back-up power supply for video, audio, camera, printer, hand held scanner, telephone, car stereo,
computer, toy, LED display, relay, electric buzzer, etc
Product list
Dimension (mm)
Part
Number
Rated
Voltage(V)
Nominal
Capacitance(F)
ESR ( )
(@1kHz)
Φ
L (or) T
Solder Type
SR2R5223Z
2.5
2.2
0.28
10.0±0.1
21.0±0.2
SR2R5333Z
2.5
3.3
0.15
10.0±0.1
21.0±0.2
SR2R5473Z
2.5
4.7
0.10
13.0±0.1
21.0±0.2
SR2R5104Z
2.5
10
0.05
13.0±0.1
34.0±0.2
SR2R5204Z
2.5
20
0.04
16.0±0.1
34.0±0.2
SR2R5304Z
2.5
30
0.03
16.0±0.1
32.0±0.2
SR2R5504Z
2.5
50
0.02
18.0±0.1
32.0±0.2
SR2R5105Z
2.5
100
0.02
22.0±0.2
54.0±0.2
SR2R5125Z
2.5
120
0.02
22.0±0.2
45.0±0.2
SC2R7302Z
2.7
0.3
70
7.05±0.1
2.5±0.2
V type
SC2R7702Z
2.7
0.7
30
9.65±0.1
2.7±0.2
V type,H type
SC2R7103Z
2.7
1.0
25
12.75±0.1
2.4±0.2
V type, H type
SC2R7203Z
2.7
2.0
15
16.3±0.1
2.4±0.2
V type, H type
SC2R7303Z
2.7
3.0
10
20.2±0.1
2.0±0.2
V type, H type
SC2R7603Z
2.7
6.0
6
20.3±0.1
3.3±0.2
V type, H type
SC2R7803Z
2.7
8.0
5
24.8±0.1
3.5±0.2
V type,H type
SC5R5152Z
5.5
0.15
150
7.05±0.1
5.0±0.2
V type
SC5R5222Z
5.5
0.22
70
9.65±0.1
4.6±0.2
V type,H type
SC5R5332Z
5.5
0.33
60
9.65±0.1
6.0±0.2
V type,H type
SC5R5472Z
5.5
0.47
45
12.75±0.1
4.3±0.2
V type, H type
SC5R5802Z
5.5
0.8
40
20.8±0.1
7.2±0.2
C, H, V type
SC5R5103Z
5.5
1.0
35
20.8±0.1
7.2±0.2
C, H, V type
SC5R5153Z
5.5
1.5
24
20.2±0.1
3.7±0.2
V type,H type
SC5R5303Z
5.5
3.0
15
20.3±0.1
6.7±0.2
V type,H type
SC5R5403Z
5.5
4.0
15
24.8±0.1
6.5±0.2
V type,H type
Part Number System
□ □ □ □ □
□ □ □
Series
Rated
Nominal
Capacitance
Code
Voltage
Capacitance
Tolerance
Z: tolerance from -20% to +80%
Type
S: Supercapacitor
Example-702: 7.0*E2 mF
Shape
R: Radial:
Example-2R7: 2.7V
C: Cell
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - SR2R5104Z

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
SR2R5104Z DBLECTRO-SR2R5104Z Datasheet
364Kb / 2P
   2.7V/1.0F Primary or back-up power supply for video, audio
SR2R5104Z DBLECTRO-SR2R5104Z Datasheet
297Kb / 2P
   High capacitance and low resistance for long cycle life applications
SR2R5104Z DBLECTRO-SR2R5104Z Datasheet
293Kb / 2P
   2.7V/2.0F Primary or back-up power supply for video, audio
SR2R5104Z DBLECTRO-SR2R5104Z Datasheet
294Kb / 2P
   High capacitance and low resistance for long cycle life applications
SR2R5104Z DBLECTRO-SR2R5104Z Datasheet
294Kb / 2P
   2.7V/3.0F Primary or back-up power supply
More results

Similar Description - SR2R5104Z

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
SC2R7303Z DBLECTRO-SC2R7303Z Datasheet
294Kb / 2P
   2.7V/3.0F Primary or back-up power supply
SC2R7103Z DBLECTRO-SC2R7103Z Datasheet
364Kb / 2P
   2.7V/1.0F Primary or back-up power supply for video, audio
SC2R7203Z DBLECTRO-SC2R7203Z Datasheet
293Kb / 2P
   2.7V/2.0F Primary or back-up power supply for video, audio
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
logo
NIC-Components Corp.
NEDZP NIC-NEDZP Datasheet
87Kb / 2P
   Power Back-Up Capacitors
logo
Technology Dynamics Inc...
TD-WM-BBU-12-33 TECHNOLOGY-TD-WM-BBU-12-33 Datasheet
254Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TECHNOLOGY-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
Sanyo Semicon Device
LV5622LP SANYO-LV5622LP Datasheet
91Kb / 6P
   For Digital Still Camera Main/Back-up Power Supply Switching IC
logo
Technology Dynamics Inc...
TCP-RK-BBU-12-34 TECHNOLOGY-TCP-RK-BBU-12-34 Datasheet
243Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-33 TAB-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com