Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10202-16 Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # S10202-16
Description  Back-thinned TDI-CCD Operating the back-thinned CCD in TDI mode delivers high sensitivity.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10202-16 Datasheet(HTML) 6 Page - Hamamatsu Corporation

Back Button S10202-16 Datasheet HTML 2Page - Hamamatsu Corporation S10202-16 Datasheet HTML 3Page - Hamamatsu Corporation S10202-16 Datasheet HTML 4Page - Hamamatsu Corporation S10202-16 Datasheet HTML 5Page - Hamamatsu Corporation S10202-16 Datasheet HTML 6Page - Hamamatsu Corporation S10202-16 Datasheet HTML 7Page - Hamamatsu Corporation S10202-16 Datasheet HTML 8Page - Hamamatsu Corporation S10202-16 Datasheet HTML 9Page - Hamamatsu Corporation S10202-16 Datasheet HTML 10Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Back-thinned TDI-CCD
S10200-02, S10201-04, S10202-08, S10202-16
6
KMPDC0254EB
A port side readout
OSb
RGb
P2Hb, SGb
P1Hb
TGb
P1V
P2V
P3V
TGa
P1Ha
P2Ha, SGa
RGa
OSa
S510
S254
S511
S255
D1
D2
D3..D8, S1..S509
D3..D8, S1..S253
S512 : S10200-02, S10201-04, S10202-08
S256 : S10202-16
518
262
519
263
520 : S10200-02, S10201-04, S10202-08
264 : S10202-16
4..517
4..261
12
3
Parameter
Symbol
Min.
Typ.
Max.
Unit
Pulse width
Tpwv
120
770
-
ns
Rise and fall time
Tprv, Tpfv
2
10
-
ns
P1V, 2V, 3V, TG
Overlap time
Tovrv
30
300
-
ns
Pulse width *8
Tpwh
12.5
16.5
-
ns
Rise and fall time *8
Tprh, Tpfh
3
6
-
ns
P1H, P2H
Duty ratio *8
-
-
50
-
%
Pulse width
Tpws
12.5
16.5
-
ns
Rise and fall time
Tprs, Tpfs
2
4
-
ns
SG
Duty ratio
-
-
50
-
%
Pulse width
Tpwr
5
6
-
ns
RG
Rise and fall time
Tprr, Tpfr
1
2
-
ns
TG - P1H
Overlap time
Tovr
30
1000
-
ns
*8: Symmetrical clock pulses should be overlapped at 50 % of maximum pulse amplitude.
s Dimensional outlines (unit: mm)
S10200-02
KMPDA0218EA
ACTIVE AREA 12.288
0.457 ± 0.05
1.27 ± 0.1
27.94 ± 0.33
30.48 ± 0.35
40
21
1
INDEX MARK
* Distance between window surface and photosensitive surface
20
3.3 ± 0.25
1.48 ± 0.15 *


Similar Part No. - S10202-16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10200-02-01 HAMAMATSU-S10200-02-01_15 Datasheet
855Kb / 14P
   TDI-CCD image sensors
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
S102031SS03Q CK-COMPONENTS-S102031SS03Q Datasheet
339Kb / 5P
   S Series Slide Switches
logo
List of Unclassifed Man...
S1020GE10PL ETC1-S1020GE10PL Datasheet
190Kb / 3P
   A SERIES OF SPECTRAL - RESPONSE SILICON PHOTOCELLS DESIGNED FOR UNIQUE PRODUCT APPLICATIONS
S1020GE5PL ETC1-S1020GE5PL Datasheet
190Kb / 3P
   A SERIES OF SPECTRAL - RESPONSE SILICON PHOTOCELLS DESIGNED FOR UNIQUE PRODUCT APPLICATIONS
More results

Similar Description - S10202-16

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7030 HAMAMATSU-S7030 Datasheet
244Kb / 12P
   Back-thinned FFT-CCD
C8000-20 HAMAMATSU-C8000-20 Datasheet
121Kb / 2P
   BT(Back-thinned)-CCD Video Camera
C8000-10 HAMAMATSU-C8000-10 Datasheet
66Kb / 2P
   BT(Back-thinned)-CCD Digital Camera
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
C9047 HAMAMATSU-C9047 Datasheet
157Kb / 4P
   Designed for back-thinned CCD area image sensors
C7040 HAMAMATSU-C7040_10 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043_09 Datasheet
792Kb / 8P
   Designed for back-thinned CCD area image sensor
S7170-0909 HAMAMATSU-S7170-0909_11 Datasheet
273Kb / 12P
   512 횞 512 pixels, back-thinned FFT-CCD
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com