Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQ104E Datasheet(PDF) 3 Page - DB Lectro Inc

Part # JQ104E
Description  Suitable for automobile and lamp accessories application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQ104E Datasheet(HTML) 3 Page - DB Lectro Inc

  JQ104E Datasheet HTML 1Page - DB Lectro Inc JQ104E Datasheet HTML 2Page - DB Lectro Inc JQ104E Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Features
Ordering Information
Contact Arrangement
1A
SPSTNO
Contact Material
AgSnO , AgNi
2
Contact Data
Contact Rating (resistive)
100A/14VDC
Dash
numbers
Coil voltage
VDC
Operation condition
1)
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
1)
Dielectric Strength
Between contacts
Between contact and coil
50Hz 1000V
50Hz 2000V
Item 6 of IEC255-5
Item 6 of IEC255-5
2
Shock resistance
147m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~40Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
8N 4N PC type
IEC68-2-21 Test Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~105
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
46g
Note: 1). When testing, coil terminals should be connected, If coil transient suppression is installed in relay .
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
Wiring diagram (Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Mounting (Bottom view)
JQ104E
1Part number
2Contact arrangement
A:1A
3Enclosure
S: Sealed type
Z: Dust cover
4Contact current
100A
NVF7
Dimensions
Cover
mm /inch
36
40
0.630max.
1.575max.
1.12
44.4max.
39.5
50
5
0.197
0.044
1.969
1.555
1.748max.
Max.
Max.
0.791
0.346 0.201
1.575max.
0.031
0.118
157
Ningbo Huaguan Relay Corporation LTD.
Electrical
Mechanical


Similar Part No. - JQ104E

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
JQ100 BEL-JQ100 Datasheet
99Kb / 2P
   Quick Acting Fuse Series
JQ100-R BEL-JQ100-R Datasheet
1Mb / 4P
   Quick Acting Fuse Series
More results

Similar Description - JQ104E

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM_05 Datasheet
470Kb / 2P
   Suitable for automobile accessories
logo
HuaXinAn Electronics CO...
NVFB HUAXINAN-NVFB Datasheet
732Kb / 1P
   Suitable for automation system and automobile auxiliary etc
NVFMA HUAXINAN-NVFMA Datasheet
757Kb / 1P
   Suitable for automation system and automobile auxiliary etc
NVFMC HUAXINAN-NVFMC Datasheet
757Kb / 1P
   Suitable for automation system and automobile auxiliary etc
logo
DB Lectro Inc
N932 DBLECTRO-N932_05 Datasheet
287Kb / 2P
   Suitable for automation system and auxiliary automobile etc.
logo
HuaXinAn Electronics CO...
NVFA HUAXINAN-NVFA Datasheet
732Kb / 1P
   Suitable for automation system and automobile auxiliary etc
logo
DB Lectro Inc
NVF9 DBLECTRO-NVF9 Datasheet
363Kb / 2P
   Suitable for automation system and automobile auxiliary etc
NCT DBLECTRO-NCT_07 Datasheet
586Kb / 3P
   Suitable for automobile, automation system,electronicequipment
NCF2 DBLECTRO-NCF2_05 Datasheet
581Kb / 2P
   Suitable for automobile, automation system, electronic equipment
NT90 DBLECTRO-NT90_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com