Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8838BEET270Y Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8838BEET270Y
Description  High PSRR, 150mA CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8838BEET270Y Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8838BEET270Y Datasheet HTML 3Page - Analog Microelectronics AME8838BEET270Y Datasheet HTML 4Page - Analog Microelectronics AME8838BEET270Y Datasheet HTML 5Page - Analog Microelectronics AME8838BEET270Y Datasheet HTML 6Page - Analog Microelectronics AME8838BEET270Y Datasheet HTML 7Page - Analog Microelectronics AME8838BEET270Y Datasheet HTML 8Page - Analog Microelectronics AME8838BEET270Y Datasheet HTML 9Page - Analog Microelectronics AME8838BEET270Y Datasheet HTML 10Page - Analog Microelectronics AME8838BEET270Y Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AME, Inc.
7
AME8838
High PSRR, 150mA CMOS LDO
Rev.E.04
n Absolute Maximum Ratings
n Recommended Operating Conditions
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
HBM B*: 2000V ~ 3999V
n Thermal Information
* Measure
θ
JC on backside center of molding compund if IC has no tab.
** MIL-STD-202G 210F
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to 85
oC
Junction Temperature Range
TJ
- 40 to 125
oC
Storage Temperature Range
TSTG
- 65 to 150
oC
Parameter
Maximum
Unit
Input Voltage
-0.3 to 7
V
EN Voltage
-0.3 to 7
V
Output Voltage
- 0.3 to VIN + 0.3
V
Output Current
PD / (VIN - VOUT)
mA
ESD Classification
B*
Parameter
Package
Die Attach
Symbol
Maximum
Unit
SOT-23
Non-Conductive
Epoxy
260
SC-70-4
SC-70-5
Conductive Epoxy
331
Thermal Resistance
(Junction to Case)
SOT-23*
Non-Conductive
Epoxy
θ
JC
81
SOT-23
Non-Conductive
Epoxy
400
SC-70-4
SC-70-5
Conductive Epoxy
300
150
oC
350
oC
oC / W
mW
Maximum Junction Temperature
Solder Iron (10 Sec)**
Thermal Resistance
(Junction to Ambient)
Internal Power Dissipation
θ
JA
PD


Similar Part No. - AME8838BEET270Y

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8830 AKM-AME8830 Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8830AEEV285Y AKM-AME8830AEEV285Y Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8830AEEV285Z AKM-AME8830AEEV285Z Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Analog Microelectronics
AME8831AEEV180Y AME-AME8831AEEV180Y Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8838BEET270Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
   High PSRR 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com