Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM124 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM124
Description  Low Power Quad Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM124 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM124 Datasheet HTML 1Page - National Semiconductor (TI) LM124 Datasheet HTML 2Page - National Semiconductor (TI) LM124 Datasheet HTML 3Page - National Semiconductor (TI) LM124 Datasheet HTML 4Page - National Semiconductor (TI) LM124 Datasheet HTML 5Page - National Semiconductor (TI) LM124 Datasheet HTML 6Page - National Semiconductor (TI) LM124 Datasheet HTML 7Page - National Semiconductor (TI) LM124 Datasheet HTML 8Page - National Semiconductor (TI) LM124 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Electrical Characteristics (Continued)
V
+ = +5.0V, (Note 7), unless otherwise stated
Parameter
Conditions
LM124/LM224
LM324
LM2902
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
TA = 25˚C
Amplifier-to-Amplifier
f = 1 kHz to 20 kHz, TA = 25˚C
−120
−120
−120
dB
Coupling (Note 11)
(Input Referred)
Output Current
Source
VIN
+ = 1V, V
IN
= 0V,
20
40
20
40
20
40
V
+ = 15V, V
O = 2V, TA = 25˚C
mA
Sink
VIN
= 1V, V
IN
+ = 0V,
10
20
10
20
10
20
V
+ = 15V, V
O = 2V, TA = 25˚C
VIN
= 1V, V
IN
+ = 0V,
12
50
12
50
12
50
µA
V
+ = 15V, V
O = 200 mV, TA = 25˚C
Short Circuit to Ground
(Note 5) V
+ = 15V, T
A = 25˚C
40
60
40
60
40
60
mA
Input Offset Voltage
(Note 8)
7
9
10
mV
VOS Drift
RS =0Ω
7
7
7
µV/˚C
Input Offset Current
IIN(+) −IIN(−),VCM = 0V
100
150
45
200
nA
IOS Drift
RS =0Ω
10
10
10
pA/˚C
Input Bias Current
IIN(+) or IIN(−)
40
300
40
500
40
500
nA
Input Common-Mode
V
+ = +30V
0
V
+−2
0
V
+−2
0
V
+−2
V
Voltage Range (Note 10)
(LM2902, V
+ = 26V)
Large Signal
V
+ = +15V (V
OSwing = 1V to 11V)
Voltage Gain
RL ≥ 2kΩ
25
15
15
V/mV
Output Voltage
VOH
V
+ = 30V
RL =2 kΩ
26
26
22
V
Swing
(LM2902, V
+ = 26V)
RL =10 kΩ
27
28
27
28
23
24
VOL
V
+ = 5V, R
L =10 kΩ
5
20
5
20
5
100
mV
Output Current
Source
VO =2V
VIN
+ = +1V,
10
20
10
20
10
20
VIN
= 0V,
V
+ = 15V
mA
Sink
VIN
= +1V,
5
8
5
8
5
8
VIN
+ = 0V,
V
+ = 15V
Note 4: For operating at high temperatures, the LM324/LM324A/LM2902 must be derated based on a +125˚C maximum junction temperature and a thermal resis-
tance of 88˚C/W which applies for the device soldered in a printed circuit board, operating in a still air ambient. The LM224/LM224A and LM124/LM124A can be de-
rated based on a +150˚C maximum junction temperature. The dissipation is the total of all four amplifiers — use external resistors, where possible, to allow the am-
plifier to saturate of to reduce the power which is dissipated in the integrated circuit.
Note 5: Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground, the maximum output
current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15V, continuous short-circuits can exceed the power
dissipation ratings and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers.
Note 6: This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP tran-
sistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the
IC chip. This transistor action can cause the output voltages of the op amps to go to the V+voltage level (or to ground for a large overdrive) for the time duration that
an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value
greater than −0.3V (at 25˚C).
Note 7: These specifications are limited to −55˚C
≤ TA ≤ +125˚C for the LM124/LM124A. With the LM224/LM224A, all temperature specifications are limited to −25˚C
≤ TA ≤ +85˚C, the LM324/LM324A temperature specifications are limited to 0˚C ≤ TA ≤ +70˚C, and the LM2902 specifications are limited to −40˚C ≤ TA ≤ +85˚C.
Note 8: VO . 1.4V, RS =0Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+ − 1.5V) for LM2902, V+ from 5V to 26V.
Note 9: The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the outputso
no loading change exists on the input lines.
Note 10: The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25˚C). The upper end of the
common-mode voltage range is V+ − 1.5V (at 25˚C), but either or both inputs can go to +32V without damage (+26V for LM2902), independent of the magnitude of
V+.
Note 11: Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This typically can be
detected as this type of capacitance increases at higher frequencies.
Note 12: Refer to RETS124AX for LM124A military specifications and refer to RETS124X for LM124 military specifications.
Note 13: Human body model, 1.5 k
Ω in series with 100 pF.
www.national.com
5


Similar Part No. - LM124

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Texas Instruments
LM124 TI-LM124 Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM124 TI-LM124 Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

Similar Description - LM124

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com