Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9737-03 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S9737-03
Description  CCD area image sensor 10241024 pixels, front-illuminated FFT-CCDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9737-03 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S9737-03 Datasheet HTML 1Page - Hamamatsu Corporation S9737-03 Datasheet HTML 2Page - Hamamatsu Corporation S9737-03 Datasheet HTML 3Page - Hamamatsu Corporation S9737-03 Datasheet HTML 4Page - Hamamatsu Corporation S9737-03 Datasheet HTML 5Page - Hamamatsu Corporation S9737-03 Datasheet HTML 6Page - Hamamatsu Corporation S9737-03 Datasheet HTML 7Page - Hamamatsu Corporation S9737-03 Datasheet HTML 8Page - Hamamatsu Corporation S9737-03 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CCD area image sensor
S9737 series
sElectrical and optical characteristics (Ta=25 °C, unless otherwise noted)
Parameter
Symbol
Remark
Min.
Typ.
Max.
Unit
Saturation output voltage
Vsat
-
-
Fw × Sv
-
V
Vertical
30
60
-
Full well
capacity
Horizontal
Fw
-
-
72
-
ke-
CCD node sensitivity
Sv
*4
-4.5
-
µV/e-
+25 °C
-
100
1500
0 °C
-
5
75
Dark current
(MPP mode)
-70 °C
DS
*5
-
0.0005
0.005
e-/pixel/s
Readout noise
Nr
*6
-4
18
e-rms
Dynamic range (Area scanning)
*7
-
15000
-
-
Spectral response range
λ
-
-
400 to 1100
-
nm
Photo response non-uniformity
PRNU
*8
-
-
±10
%
Point defects
*9
--
0
Cluster defects
*10
--
0
Blemish
Column defects
-
*11
--
0
-
*4: VOD=20 V , Load resistance=22 k
*5: Dark current nearly doubles for every 5 to 7 °C increase in temperature.
*6: -40 °C, operating frequency is 80 kHz.
*7: DR = Fw / Nr
*8: Measured at half of the full well capacity. PRNU = noise / signal × 100 [%], noise: fixed pattern noise (peak to peak)
*9: White spots > 3 % of full well at 0 °C after Ts=1 s, Black spots > 50 % reduction in response relative to adjacent pixels
*10: A group of 2 to 9 continuous point defects
*11: A group of 10 or more continuous point defects
s Pin connections (S9737-01)
Pin No.
Symbol
Description
Remark
1
RG
Reset gate
-
2
RD
Reset drain
-
3
OS
Output source
-
4
OD
Output transistor drain
-
5
OG
Output gate
-
6
SG
Summing gate
-
7
P2H
CCD horizontal register clock-2
-
8
NC
No connection
-
9
P1H
CCD horizontal register clock-1
-
10
NC
No connection
-
11
IG2H
Test point (horizontal input gate-2)
Shorted to ground
12
IG1H
Test point (horizontal input gate-1)
Shorted to ground
13
ISH
Test point (horizontal input source)
Shorted to RD
14
TG
Transfer gate
-
15
P2V
CCD vertical register clock-2
-
16
NC
No connection
-
17
P1V
CCD vertical register clock-1
-
18
NC
No connection
-
19
NC
No connection
-
20
SS
Substrate (GND)
-
21
NC
No connection
-
22
ISV
Test point (vertical input source)
Shorted to RD
23
IG2V
Test point (vertical input gate-2)
Shorted to ground
24
IG1V
Test point (vertical input gate-1)
Shorted to ground
3


Similar Part No. - S9737-03

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
More results

Similar Description - S9737-03

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
logo
ATMEL Corporation
TH7887A ATMEL-TH7887A Datasheet
220Kb / 20P
   Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
logo
Hamamatsu Corporation
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
logo
List of Unclassifed Man...
TH7888A ETC-TH7888A Datasheet
2Mb / 16P
   AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
[Old version datasheet]   1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com