Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9037-1002 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S9037-1002
Description  CCD image sensor High-speed operation, back-thinned FFT-CCD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9037-1002 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S9037-1002 Datasheet HTML 1Page - Hamamatsu Corporation S9037-1002 Datasheet HTML 2Page - Hamamatsu Corporation S9037-1002 Datasheet HTML 3Page - Hamamatsu Corporation S9037-1002 Datasheet HTML 4Page - Hamamatsu Corporation S9037-1002 Datasheet HTML 5Page - Hamamatsu Corporation S9037-1002 Datasheet HTML 6Page - Hamamatsu Corporation S9037-1002 Datasheet HTML 7Page - Hamamatsu Corporation S9037-1002 Datasheet HTML 8Page - Hamamatsu Corporation S9037-1002 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
Applications
IMAGE
SENSOR
CCD image sensor
High-speed operation, back-thinned FFT-CCD
S9037/S9038 series
S9037/S9038 series FFT-CCD image sensors were developed for high-speed line scan cameras. Since an on-chip amplifier having a wide
bandwidth is used to an image sensor, a pixel rate of 10 MHz can be obtained. S9037/S9038 series image sensors also deliver a high line scan
rate equivalent to interline CCD sensors when used in line binning operation mode, because they have an active area pixel format where the
number of vertical pixels is less than the number of horizontal pixels. This makes S9037/S9038 series ideal for line scan cameras.
S9037/S9038 series image sensors have a pixel size of 24 × 24 µm and are available in pixel formats of 512 × 4 pixels and 1024 × 4 pixels.
S9038 series has a one-stage thermoelectric cooler assembled in the same package allowing stable operation at cooled temperatures. Both
S9037/S9038 series image sensors use a quartz glass window equivalent to SUPRASIL glass that provides high transmittance even at 193 nm
wavelength. These image sensors also have stable quantum efficiency in the UV region making them ideal for excimer laser monitors.
l High-speed operation: 10 MHz
l Pixel size: 24 × 24 µm
l Line/pixel binning operation
l S9038 series: one-stage thermoelectric cooling
l High quantum efficiency: 90 % or more at peak
l MPP operation
l Excimer laser monitors
l High-speed line scan cameras
1
s Selection guide
Type No.
Cooling
Number of total pixels
Number of active pixels
Active area
[mm (H)
× mm (V)]
S9037-0902
520
× 6
512
× 4
12.288
× 0.096
S9037-1002
Non-cooled
1044
× 8
1024
× 4
24.576
× 0.096
S9038-0902S
520
× 6
512
× 4
12.288
× 0.096
S9038-1002S
One-stage TE-cooled
1044
× 8
1024
× 4
24.576
× 0.096
s Specifications
Parameter
S9037-0902
S9037-1002
S9038-0902S
S9038-1002S
Line rate
16 kHz
8 kHz
16 kHz
8 kHz
Data rate
10 MHz
Vertical clock
2 phases
Horizontal clock
2 phases
Output circuit
Two-stage MOSFET source follower
Package
24 pin metal package
Window material *1
Quartz window equivalent to SUPRASIL
AR-coated sapphire
*1: Window-less type is available as option.


Similar Part No. - S9037-1002

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
More results

Similar Description - S9037-1002

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7030 HAMAMATSU-S7030 Datasheet
244Kb / 12P
   Back-thinned FFT-CCD
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
S7170-0909 HAMAMATSU-S7170-0909 Datasheet
186Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
C7040 HAMAMATSU-C7040_10 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043_09 Datasheet
792Kb / 8P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
S7170-0909 HAMAMATSU-S7170-0909_11 Datasheet
273Kb / 12P
   512 횞 512 pixels, back-thinned FFT-CCD
C7180 HAMAMATSU-C7180_15 Datasheet
328Kb / 9P
   Detector heads for back-thinned CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com