Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9037 Datasheet(PDF) 8 Page - Hamamatsu Corporation

Part # S9037
Description  CCD image sensor High-speed operation, back-thinned FFT-CCD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9037 Datasheet(HTML) 8 Page - Hamamatsu Corporation

  S9037 Datasheet HTML 1Page - Hamamatsu Corporation S9037 Datasheet HTML 2Page - Hamamatsu Corporation S9037 Datasheet HTML 3Page - Hamamatsu Corporation S9037 Datasheet HTML 4Page - Hamamatsu Corporation S9037 Datasheet HTML 5Page - Hamamatsu Corporation S9037 Datasheet HTML 6Page - Hamamatsu Corporation S9037 Datasheet HTML 7Page - Hamamatsu Corporation S9037 Datasheet HTML 8Page - Hamamatsu Corporation S9037 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CCD image sensor
S9037/S9038 series
s Specifications of built-in TE-cooler (Typ.)
Parameter
Symbol
Condition
S9038-0902
S9038-1002
Unit
Internal resistance
Rint
Ta=25 °C2.5
1.2
Maximum current *
8
Imax
Tc *
9=Th *10=25 °C
1.5
3.0
A
Maximum voltage
Vmax Tc *
9=Th *10=25 °C3.8
3.6
V
M a xim um heat abso rption *
11
Qmax
3.4
5.1
W
Maximum temperature
of heat radiating side
-70
70
°C
*8: Maximum current Imax:
If the current greater than this value flows into the thermoelectric cooler, the heat absorption begins to decrease due to the
Joule heat. It should be noted that this value is not the damage threshold value. To protect the thermoelectric cooler and
maintain stable operation, the supply current should be less than 60 % of this maximum current.
*9: Temperature of the cooling side of thermoelectric cooler.
*10: Temperature of the heat radiating side of thermoelectric cooler.
*11: Maximum heat absorption Qmax.
This is a theoretical heat absorption level that offsets the temperature difference in the thermoelectric cooler when the
maximum current is supplied to the unit.
0
1
2
3
4
7
6
5
-40
-30
4
3
2
CURRENT (A)
1
0
-20
-10
0
10
20
30
(Typ. Ta=25 ˚C)
VOLTAGE vs. CURRENT
CCD TEMPERATURE vs. CURRENT
0
1
2
3
4
7
6
5
-40
-30
2.0
1.5
1.0
CURRENT (A)
0.5
0
-20
-10
0
10
20
30
(Typ. Ta=25 ˚C)
VOLTAGE vs. CURRENT
CCD TEMPERATURE vs. CURRENT
KMPDB0178EA
KMPDB0179EA
S9038-0902S
S9038-1002S
s Specifications of built-in temperature sensor
A chip thermistor is built in the same package with a CCD chip, and the CCD chip temperature can be monitored with it. A relation
between the thermistor resistance and absolute temperature is expressed by the following equation.
R1 = R2 × expB (1 / T1 - 1 / T2)
where R1 is the resistance at absolute temperature T1 (K)
R2 is the resistance at absolute temperature T2 (K)
B is so-called the B constant (K)
The characteristics of the thermistor used are as follows.
R (298K) = 10 k
B (298K / 323K) = 3450 K
KMPDB0111EA
(Typ. Ta=25 ˚C)
10 k
220
240
260
TEMPERATURE (K)
280
300
100 k
1 M
8


Similar Part No. - S9037

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
More results

Similar Description - S9037

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7030 HAMAMATSU-S7030 Datasheet
244Kb / 12P
   Back-thinned FFT-CCD
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
S7170-0909 HAMAMATSU-S7170-0909 Datasheet
186Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
C7040 HAMAMATSU-C7040_10 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043_09 Datasheet
792Kb / 8P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
S7170-0909 HAMAMATSU-S7170-0909_11 Datasheet
273Kb / 12P
   512 횞 512 pixels, back-thinned FFT-CCD
C7180 HAMAMATSU-C7180_15 Datasheet
328Kb / 9P
   Detector heads for back-thinned CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com