Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8982 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S8982
Description  CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8982 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S8982 Datasheet HTML 1Page - Hamamatsu Corporation S8982 Datasheet HTML 2Page - Hamamatsu Corporation S8982 Datasheet HTML 3Page - Hamamatsu Corporation S8982 Datasheet HTML 4Page - Hamamatsu Corporation S8982 Datasheet HTML 5Page - Hamamatsu Corporation S8982 Datasheet HTML 6Page - Hamamatsu Corporation S8982 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CCD area image sensor
S8982, S10127
2
s Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Storage temperature
Tstg
-20
-
+70
°C
Operating temperature
Topr
0
-
+40
°C
OD voltage
VOD
-0.5
-
+20
V
RD voltage
VRD
-0.5
-
+18
V
SG voltage
VSG
-15
-
+15
V
OG voltage
VOG
-15
-
+15
V
RG voltage
VRG
-15
-
+15
V
TG voltage
VTG
-15
-
+15
V
Vertical clock voltage
VP1V, VP2V
-15
-
+15
V
Horizontal clock voltage
VP1H, VP2H
-15
-
+15
V
Vcc voltage
Vcc
0
-
+7
V
s Operating conditions (MPP mode, Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Output transistor drain voltage
VOD
12
15
-
V
Reset drain voltage
VRD
12
13
14
V
Output gate voltage
VOG
-0.5
2
5
V
Substrate voltage
Vss
-
0
-
V
High
VP1VH, VP2VH
0
3
6
V
Vertical shift register
clock voltage
Low
VP1VL, VP2VL
-9
-8
-7
V
High
VP1HH, VP2HH
036
V
Horizontal shift register
clock voltage
Low
VP1HL, VP2HL
-9
-8
-7
V
High
VsGH
0
3
6
V
Summing gate voltage
Low
VsGL
-9
-8
-7
V
High
VRGH
036
V
Reset gate voltage
Low
VRGL
-9
-8
-7
V
High
VTGH
0
3
6
V
Transfer gate voltage
Low
VTGL
-9
-8
-7
V
+5 V power supply voltage
Vcc
4.75
5
5.25
V
s Electrical characteristics (Ta=25 °C)
Parameter
Symbol
Remark
Min.
Typ.
Max.
Unit
Signal output frequency
fc
*
1
-1
5
MHz
Vertical shift register capacitance
CP1v, CP2v
-
60,000
-
pF
S8982
-
350
-
Horizontal shift
register capacitance
S10127
CP1H, CP2H
-
550
-
pF
S8982
-
20
-
Summing gate capacitance
S10127
CsG
-
220
-
pF
S8982
-
20
-
Reset gate capacitance
S10127
CRG
-
220
-
pF
S8982
-
250
-
Transfer gate capacitance
S10127
CTG
-
450
-
pF
Charge transfer efficiency
CTE
*
2
0.99995
0.99998
-
-
DC output level
VOut
*
3
5
8
11
V
Output impedance
Zo
*
3
-
500
-
Power dissipation
P
*
3 *4
-
75
-
mW
S8982
-
1
-
+5 V power supply current
S10127
Icc
-2
-
mA
*1: S8982 only. In case of S10127, maximum frequency is strongly depend on peripheral circuit and cable length.
*2: Measured at half of the full well capacity. CTE is defined per pixel.
*3: VOD=15 V
*4: Power dissipation of the on-chip amplifier.


Similar Part No. - S8982

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8980 HAMAMATSU-S8980 Datasheet
185Kb / 7P
   Front-illuminated FFT-CCDs for X-ray imaging
S8980_S10810 HAMAMATSU-S8980_S10810_15 Datasheet
506Kb / 10P
   CCD area image sensors
S8981-02 HAMAMATSU-S8981-02 Datasheet
185Kb / 7P
   Front-illuminated FFT-CCDs for X-ray imaging
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8984-02 HAMAMATSU-S8984-02_15 Datasheet
238Kb / 3P
   Front-illuminated FFT-CCD for X-ray imaging
More results

Similar Description - S8982

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01_11 Datasheet
162Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S8980 HAMAMATSU-S8980 Datasheet
185Kb / 7P
   Front-illuminated FFT-CCDs for X-ray imaging
S8984-02 HAMAMATSU-S8984-02_15 Datasheet
238Kb / 3P
   Front-illuminated FFT-CCD for X-ray imaging
S8658-01 HAMAMATSU-S8658-01 Datasheet
150Kb / 7P
   Front-illuminated FFT-CCD for X-ray imaging
S10814 HAMAMATSU-S10814 Datasheet
361Kb / 10P
   Front-illuminated FFT-CCD for X-ray imaging
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com