Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8865-256 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S8865-256
Description  Photodiode array combined with signal processing circuit chip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8865-256 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S8865-256 Datasheet HTML 1Page - Hamamatsu Corporation S8865-256 Datasheet HTML 2Page - Hamamatsu Corporation S8865-256 Datasheet HTML 3Page - Hamamatsu Corporation S8865-256 Datasheet HTML 4Page - Hamamatsu Corporation S8865-256 Datasheet HTML 5Page - Hamamatsu Corporation S8865-256 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photodiode array with amplifier
S8865-256, S8865-256G
s Absolute maximum ratings
Parameter
Symbol
Rated value
Unit
Supply voltage
Vdd
-0.3 to +6
V
Reference voltage
Vref
-0.3 to +6
V
Photodiode voltage
Vpd
-0.3 to +6
V
Gain selection terminal
voltage
Vgain
-0.3 to +6
V
Master/slave selection
voltage
Vms
-0.3 to +6
V
Clock pulse voltage
V
(CLK)
-0.3 to +6
V
Reset pulse voltage
V
(RESET)
-0.3 to +6
V
External start pulse
voltage
V
(EXTST)
-0.3 to +6
V
Operating temperature *2
Topr
-5 to +60
°C
Storage temperature
Tstg
-10 to +70
°C
*2: No condensation
s Recommended terminal voltage
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Vdd
4.75
5
5.25
V
Reference voltage
Vref
4
4.5
4.75
V
Photodiode voltage
Vpd
-
Vref
-
V
High gain
Vdd-0.25
Vdd
Vdd+0.25
V
Gain selection terminal
voltage
Low gain
Vgain
0
-
0.4
V
High level *3
Vdd-0.25
Vdd
Vdd+0.25
V
Master/slave selection
voltage
Low level *4
Vms
0-
0.4
V
High level
Vdd-0.25
Vdd
Vdd+0.25
V
Clock pulse voltage
Low level
V (CLK)
0
-
0.4
V
High level
Vdd-0.25
Vdd
Vdd+0.25
V
Reset pulse voltage
Low level
V (RESET)
0-
0.4
V
High level
Vdd-0.25
Vdd
Vdd+0.25
V
External start pulse
voltage
Low level
V (EXESP)
0
-
0.4
V
*3: Parallel
*4: Serial at 2nd or later stages
s Electrical characteristics [Ta=25 °C, Vdd=5 V, V (CLK)=V (RESET)=5 V]
Parameter
Symbol
Min.
Typ.
Max.
Unit
Clock pulse frequency *5
f (CLK)
40
-
4000
kHz
Output impedance
Zo
-
3
-
k
Power consumption
P
-
360
-
mW
High gain
-
0.5
-
Charge amp feedback
capacitance
Low gain
Cf
-
1
-
pF
*5: Video data rate is 1/4 of clock pulse frequency f (CLK).
2


Similar Part No. - S8865-256

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8865-256G HAMAMATSU-S8865-256G Datasheet
480Kb / 15P
   Photodiode array combined with signal processing IC for X-ray detection
More results

Similar Description - S8865-256

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8865 HAMAMATSU-S8865 Datasheet
175Kb / 6P
   Photodiode array combined with signal processing circuit chip
S8866-64 HAMAMATSU-S8866-64_11 Datasheet
375Kb / 10P
   Photodiode array combined with signal processing IC
S11865-64 HAMAMATSU-S11865-64_15 Datasheet
1Mb / 14P
   Photodiode arrays combined with signal processing IC
S8865-64G HAMAMATSU-S8865-64G Datasheet
480Kb / 15P
   Photodiode array combined with signal processing IC for X-ray detection
S8865-64G HAMAMATSU-S8865-64G_15 Datasheet
679Kb / 15P
   Photodiode array combined with signal processing IC for X-ray detection
logo
KODENSHI_AUK CORP.
PIC-0903 KODENSHI-PIC-0903 Datasheet
145Kb / 2P
   Photo IC(photodiode with signal processing)?
PIC-2503 KODENSHI-PIC-2503 Datasheet
143Kb / 2P
   Photo IC(photodiode with signal processing)?
PIC-0103 KODENSHI-PIC-0103 Datasheet
165Kb / 2P
   Photo IC(photodiode with signal processing)
PIC-1503 KODENSHI-PIC-1503 Datasheet
141Kb / 2P
   Photo IC(photodiode with signal processing)?
logo
Hamamatsu Corporation
C10475 HAMAMATSU-C10475_15 Datasheet
394Kb / 4P
   Signal processing unit for photodiode module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com