Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVFMCZ20DC48V Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NVFMCZ20DC48V
Description  Switching capacity up to 25A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVFMCZ20DC48V Datasheet(HTML) 2 Page - DB Lectro Inc

  NVFMCZ20DC48V Datasheet HTML 1Page - DB Lectro Inc NVFMCZ20DC48V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NVFM
Switching capacity up to 25A.
PC board mounting and insert mounting available.
Suitable for automation system and automobile auxiliary etc.
Ordering Information
NVFM C
Z
20
DC12V
1.5 b
D
1
2
3
4
5
6
7
8
5 Coil rated voltage(V)
DC:6,12,24,48
6 Coil power consumption
1.2:1.2W
1.5:1.5W
7 Terminals
b: PCB type
a: plug in type
8 Coil transient suppression: D: with diode
R: with resistance
NIL: standard
Contact Data
Contact Arrangement
1A SPSTNO
1C
SPDT(B-M)
Contact Materia
AgSnO , AgNi
2
Contact Rating (resistive)
1A
35A,25A/14VDC
1C
20A/14VDC,NO:30A/14VDC,NC:25A/14VDC
Max. Switching Power
350W
Max. Switching Voltage
75VDC
Max. Switching Current:35A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Electrical
10
Item 3.30 of IEC255-7
7
Mechanical
10
Item 3.31 of IEC255-7
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
006-1200
6
7.8
30
4.2
0.6
012-1200
12
15.6
120
8.4
1.2
024-1200
24
31.2
480
16.8
2.4
048-1200
48
62.4
1920
33.6
4.8
006-1500
6
7.8
24
4.2
0.6
012-1500
12
15.6
96
8.4
1.2
024-1500
24
31.2
384
16.8
2.4
048-1500
48
62.4
1536
33.6
4.8
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pick up
voltage
VDC(max)
(70%of rated
voltage )
Release
voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
Coil Parameter
10
7
1.2
1.5
10
7
Features
1 Part number
NVFM
2 Contact arrangement
A:1A (1.2W)
C:1C(1.5W)
3 Enclosure
S: Sealed type
Z: Dust cover
4 Contact current
35:35A/14VDC
30:30A/14VDC
25:25A/14VDC
20:20A/14VDC
23
15.5
26
Operation
life
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Operation condition
1)
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
1)
Dielectric Strength
Between contacts
50Hz 500V
Item 6 of IEC255-5
Between contact and coil
50Hz 1000V
Item 6 of IEC255-5
2
Shock resistance
100m/s
11ms
11msIEC68-2-27 Test Ea
Vibration resistance
10~40Hz double amplitude 1.27mm
IEC68-2-6 Test Fc
Terminals strength
8N 4N
PC type
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~125
Relative Humidity
85% (at 40
)
IEC68-2-3 Test Ca
Mass
18.5g
Note: 1). ,When testing, coil terminals
, if coil transient suppression is installed in relay .
should be connected
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
NVFM
mm /inch
Note: Terminals as shown above
are also available.
Wiring diagram (Bottom view)
Dimensions
Plug in type
PCB type
Mounting (Bottom view)
3-2.6
1.2
0.197
0.905max.
0.610max.
0.248
15.5max.
23max.
0.217
0.189
0.031
0.315
0.551
0.315
0.102
0.047
0.248
0.189
0.031
0.087
0.031
0.098
5.5
2.5
6.3
2.5
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS


Similar Part No. - NVFMCZ20DC48V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFMCZ20DC48V1.2AD DBLECTRO-NVFMCZ20DC48V1.2AD Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVFMCZ20DC48V1.2AR DBLECTRO-NVFMCZ20DC48V1.2AR Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVFMCZ20DC48V1.2BD DBLECTRO-NVFMCZ20DC48V1.2BD Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVFMCZ20DC48V1.2BR DBLECTRO-NVFMCZ20DC48V1.2BR Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVFMCZ20DC48V1.5AD DBLECTRO-NVFMCZ20DC48V1.5AD Datasheet
181Kb / 2P
   Switching capacity up to 25A
More results

Similar Description - NVFMCZ20DC48V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
J098 CIT-J098 Datasheet
92Kb / 3P
   Switching capacity up to 6A
logo
DB Lectro Inc
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
   Switching capacity up to 16A
logo
CIT Relay & Switch
WJ101 CIT-WJ101 Datasheet
147Kb / 2P
   Switching capacity up to 5A
A1M CIT-A1M Datasheet
92Kb / 2P
   Switching capacity up to 20A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com