Electronic Components Datasheet Search |
|
KL1H101MC Datasheet(PDF) 3 Page - DB Lectro Inc |
|
KL1H101MC Datasheet(HTML) 3 Page - DB Lectro Inc |
3 / 13 page EXPLANATION OF PART NUMBERS 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 (17, 18) Lead Shape Code Standard 00 Not standard 01 Length after cut is 3mm 30 Length after cut is 4.5mm 45 Length after cut is 5mm 50 Length after cut is 7.5mm 75 Length after cut is 10mm 1A (15) Sleeve Code PVC sleeve (White printing) W PVC sleeve (Black printing) B PVC sleeve (Golden printing) G PVC sleeve (Silver printing) A PET sleeve (Green colour white printing) 1 PET sleeve (Purple colour white printing) 2 PET sleeve (Yellow colour black printing) 3 (16) Rubber Code Plane P Convexity T (1, 2) Series CS CK SC CN KP LZ KZ FZ EL KL KH HU RA RN RT RK RM RS LA LK LM LS NP NK NM NS BP TM TN SM SK (3, 4) Vol. (WV) Code 20D 40G 6.3 0J 10 1A 16 1C 25 1E 35 1V 40 1G 50 1H 63 1J 100 2A 160 2C 200 2D 250 2E 315 2F 330 2U 350 2V 400 2G 450 2W (5~7) Cap. ( F) Code 0.1 0R1 0.22 R22 0.33 R33 0.47 R47 1 010 2.2 2R2 3.3 3R3 4.7 4R7 10 100 22 220 33 330 47 470 100 101 220 221 330 331 470 471 1000 102 2200 222 3300 332 4700 472 10000 103 22000 223 (8) Tol. (%) Code +10 -10 K +15 -15 L +20 -20 M (10) Type Code Chip C Radial R Radial Taping T Snap-in S (12) Dia. ( ) Code 3S 4C 5D 6.3 E 8F 10 G 12 H 12.5 I 13 J 13.5 V 14.5 A 16 K 18 L 20 M 22 N 25 O 30 P 35 Q 40 R (13, 14) Length (mm) Code 505 5.4 54 5.8 58 707 7.7 77 909 10.5 10 11 11 12 12 14 14 16 16 20 20 21 21 25 25 26 26 31 31 35 35 36 36 40 40 46 46 (11) Type Descriptions Code Chip Taping & Reel R Bulk B Taping (Forming) A Taping (Straight) S Lead Cut C Lead Forming Cut F Lead Forming Only M Kinked Forming Cut K Kinked Straight Cut Y Snap- in Lead Snap-in W Series Voltage (WV) Capacitance ( F) Cap. Tol.(%) Type Lead Process Dia.( ) Length (mm) Sleeve Rubber Lead Shape Chip Type Dash _ DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |
Similar Part No. - KL1H101MC |
|
Similar Description - KL1H101MC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |