Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D16550 Datasheet(PDF) 1 Page - Digital Core Design

Part # D16550
Description  Configurable UART with FIFO ver 2.08
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

D16550 Datasheet(HTML) 1 Page - Digital Core Design

  D16550 Datasheet HTML 1Page - Digital Core Design D16550 Datasheet HTML 2Page - Digital Core Design D16550 Datasheet HTML 3Page - Digital Core Design D16550 Datasheet HTML 4Page - Digital Core Design D16550 Datasheet HTML 5Page - Digital Core Design D16550 Datasheet HTML 6Page - Digital Core Design D16550 Datasheet HTML 7Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
D
D1
16
65
55
50
0
Configurable UART with FIFO
ver 2.08
OVERVIEW
The D16550 is a soft Core of a Universal
Asynchronous Receiver/Transmitter (UART)
functionally identical to the TL16C550A. The
D16550 allows serial transmission in two
modes: UART mode and FIFO mode. In FIFO
mode internal FIFOs are activated allowing 16
bytes (plus 3 bits of error data per byte in the
RCVR FIFO) to be stored in both receive and
transmit directions. D16550 performs serial-to-
parallel
conversion
on
data
characters
received from a peripheral device or a
MODEM, and parallel-to-serial conversion on
data characters received from the CPU. The
CPU can read the complete status of the
UART at any time during the functional
operation.
Status
information
reported
includes the type and condition of the transfer
operations being performed by the UART, as
well as any error conditions (parity, overrun,
framing, or break interrupt). D16550 includes
a programmable baud rate generator that is
capable of dividing the timing reference clock
input by divisors of 1 to (216-1), and producing
a 16 × clock for driving the internal transmitter
logic. Provisions are also included to use this
16 × clock to drive the receiver logic. The
D16550
has
complete
MODEM
control
capability, and a processor-interrupt system.
Interrupts can be programmed to the user's
requirements,
minimizing
the
computing
required to handle the communications link.
The separate BAUD CLK line allow to set an
exact transmission speed, while the UART
internal logic is clocked with the CPU
frequency.
Two DMA modes are supported: single
transfer and multi-transfer. These modes
allow UART to interface to higher performance
DMA units, which can interleave their
transfers between CPU cycles or execute
multiple byte transfers.
The configuration capability allows user to
enable or disable during Synthesis process
the Modem Control Logic and FIFO's Control
Logic,
change
the
FIFO
size.
So
in
applications with area limitation and where the
UART works only in 16450 mode, disabling
Modem Control and FIFO's allow to save
about 50% of logic resources.
The D16550 has universal microcontroller
interface, allows correct communication with
D16550 no matter how D16550 clock is
related to microcontroller clock. The core is
perfect for applications, where the UART Core
and microcontroller are clocked by the same
clock signal and are implemented inside the
same ASIC or FPGA chip, as well as for
standalone implementation, where several
UARTs are required to be implemented inside
a single chip, and driven by some off-chip
devices. Thanks to universal interface D16550
core implementation and verification are very
simply, by eliminating a number of clock trees
in complete system.


Similar Part No. - D16550

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D1651 SANYO-D1651 Datasheet
180Kb / 4P
   Color TV Horizontal Deflection Output Applications
logo
Wing Shing Computer Com...
D1651 WINGS-D1651 Datasheet
41Kb / 1P
   NPN TRIPLE DIFFUSED(COLOR TV HORIZONTAL OUTPUT)
logo
Quanzhou Jinmei Electro...
D1651 JMNIC-D1651 Datasheet
55Kb / 3P
   Silicon NPN Power Transistors
D1651 JMNIC-D1651 Datasheet
87Kb / 3P
   Silicon NPN Power Transistors
D1651 JMNIC-D1651 Datasheet
87Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - D16550

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
D16750 DCD-D16750 Datasheet
187Kb / 7P
   Configurable UART with FIFO
logo
A1 PROs co., Ltd.
EI16C550 A1PROS-EI16C550 Datasheet
51Kb / 2P
   FIFO UART
logo
IMP, Inc
EI16C550 IMP-EI16C550 Datasheet
44Kb / 2P
   FIFO UART
logo
Digital Core Design
D16450 DCD-D16450 Datasheet
178Kb / 6P
   Configurable UART
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
IK Semicon Co., Ltd
IN16C1054 IKSEMICON-IN16C1054 Datasheet
634Kb / 53P
   Quard Uart with 256-Byte FIFO
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com