Electronic Components Datasheet Search |
|
KL1H010MC Datasheet(PDF) 1 Page - DB Lectro Inc |
|
KL1H010MC Datasheet(HTML) 1 Page - DB Lectro Inc |
1 / 13 page KL Series CHIP TYPE, 5000 HOURS LOAD LIFE T emperature range up to +105 C SPECIFICATIONS Item Characteristics Operation Temperature Range -40 ~ +105°C Rated Working Voltage 6.3 ~ 100V Capacitance Tolerance ±20% at 120Hz, 20°C I 0.01CV or 3 A whichever is greater (after 2 minutes) Leakage Current I: Leakage current ( A) C: Normal capacitance ( F) V: Rated voltage (V) Dissipation Factor max. Rated voltage (V) 4 6.3 10 16 25 35 50 Z(-25°C) / Z(20°C) 8432 22 2 Impedance ratio ZT/Z20 (max.) Z(-40°C) / Z(20°C) 14 10 7 5 3 3 3 Low Temperature Characteristics (Measurement frequency: 120Hz) Capacitance Change Within 30% of initial value Dissipation Factor 300% or less of initial specified value Leakage Current Initial specified value or less Load Life (After 1000 hours application of the rated voltage at 105°C, capacitors meet the characteristics requirements listed.) Shelf Life (at 105°C) After leaving capacitors under no load at 105°C for 5000 hours, they meet the specified value for load life characteristics listed above. Capacitance Change Within 10% of initial value Dissipation Factor Initial specified value or less Leakage Current Initial specified value or less Resistance to Soldering Heat Reference Standard JIS C-5141 and JIS C-5102 DRAWING (Unit: mm) DIMENSIONS (Unit: mm) D x L 4 x 5.8 5 x 5.8 6.3 x 5.8 6.3 x 7.7 8 x 10.5 10 x 10.5 A 1.8 2.1 2.4 2.4 2.9 3.2 B 4.3 5.3 6.6 6.6 8.3 10.3 C 4.3 5.3 6.6 6.6 8.3 10.3 E 1.0 1.3 2.2 2.2 3.1 4.5 L 5.8 5.8 5.8 7.7 10.5 10.5 Negative 0.5~0.8 Plastic plateform 0.3max. Positive C 0.2 Negative 0.8 ~ 1.1 Plastic platform 0.3max. Positive C 0.2 L 0.5 ( 4 ∼ 6.3) ( 8, 10) *Voltage mark for 6.3V is [6V] L 0.3 Load life of 3000~5000 hours Measurement frequency: 120Hz, Temperature: 20°C WV 6.3 1016 25355063 100 tan 0.28 0.24 0.20 0.16 0.13 0.12 0.18 0.18 Comply with the RoHS directive (2002/95/EC) After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at room temperature, they meet the characteristics requirements listed as below. DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |
Similar Part No. - KL1H010MC |
|
Similar Description - KL1H010MC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |