Electronic Components Datasheet Search |
|
SN74AHC174DRE4 Datasheet(PDF) 5 Page - Texas Instruments |
|
SN74AHC174DRE4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 18 page SN54AHC174, SN74AHC174 HEX D-TYPE FLIP-FLOPS WITH CLEAR SCLS425F – JUNE 1998 – REVISED FEBRUARY 2002 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC174 SN74AHC174 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT f CL = 15 pF 130* 240* 110* 110 MHz fmax CL = 50 pF 90 180 80 80 MHz tPHL CLR Any Q CL = 15 pF 3* 7.6* 1* 9* 1 9 ns tPLH CLK Any Q CL =15 pF 4.1* 7.2* 1* 8.5* 1 8.5 ns tPHL CLK Any Q CL = 15 pF 4.1* 7.2* 1* 8.5* 1 8.5 ns tPHL CLR Any Q CL = 50 pF 4.2 9.6 1 11 1 11 ns tPLH CLK Any Q CL =50 pF 5.5 9.2 1 10.5 1 10.5 ns tPHL CLK Any Q CL = 50 pF 5.5 9.2 1 10.5 1 10.5 ns tsk(o) CL = 50 pF 1** 1 ns * On products compliant to MIL-PRF-38535, this parameter is not production tested. ** On products compliant to MIL-PRF-38535, this parameter does not apply. operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load, f = 1 MHz 15.2 pF |
Similar Part No. - SN74AHC174DRE4 |
|
Similar Description - SN74AHC174DRE4 |