Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7010-1008 Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # S7010-1008
Description  CCD area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7010-1008 Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button S7010-1008 Datasheet HTML 2Page - Hamamatsu Corporation S7010-1008 Datasheet HTML 3Page - Hamamatsu Corporation S7010-1008 Datasheet HTML 4Page - Hamamatsu Corporation S7010-1008 Datasheet HTML 5Page - Hamamatsu Corporation S7010-1008 Datasheet HTML 6Page - Hamamatsu Corporation S7010-1008 Datasheet HTML 7Page - Hamamatsu Corporation S7010-1008 Datasheet HTML 8Page - Hamamatsu Corporation S7010-1008 Datasheet HTML 9Page - Hamamatsu Corporation S7010-1008 Datasheet HTML 10Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CCD area image sensor
S7010/S7011/S7015 series
0
1
2
3
4
7
6
5
-40
-30
2.0
1.5
1.0
CURRENT (A)
0.5
0
-20
-10
0
10
20
30
(Typ. Ta=25 ˚C)
VOLTAGE vs. CURRENT
CCD TEMPERATURE vs. CURRENT
0
1
2
3
4
7
6
5
-40
-30
4
3
2
CURRENT (A)
1
0
-20
-10
0
10
20
30
(Typ. Ta=25 ˚C)
VOLTAGE vs. CURRENT
CCD TEMPERATURE vs. CURRENT
0
2
4
6
10
8
-30
2.0
1.5
1.0
0.5
0
-20
-10
0
10
20
(Typ. Ta=25 ˚C)
CURRENT (A)
VOLTAGE vs. CURRENT
CCD TEMPERATURE vs. CURRENT
0
1
2
3
5
4
-30
2.0
1.5
1.0
0.5
0
-20
-10
0
10
20
(Typ. Ta=25 ˚C)
CURRENT (A)
VOLTAGE vs. CURRENT
CCD TEMPERATURE vs. CURRENT
KMPDB0176EB
KMPDB0177EB
KMPDB0178EA
KMPDB0179EA
S7011-0906/-0907
S7011-1006/-1007
S7015-1008
S7015-0908
I TE-cooler characteristics
9


Similar Part No. - S7010-1008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7010 ETC2-S7010 Datasheet
1,009Kb / 2P
   Mainstream dual-socket server
logo
ITT Industries
S701031SS02B ITT-S701031SS02B Datasheet
398Kb / 5P
   Slide Switches
S701031SS02BE ITT-S701031SS02BE Datasheet
398Kb / 5P
   Slide Switches
S701031SS02DB ITT-S701031SS02DB Datasheet
398Kb / 5P
   Slide Switches
S701031SS02DBE ITT-S701031SS02DBE Datasheet
398Kb / 5P
   Slide Switches
More results

Similar Description - S7010-1008

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5340C TOSHIBA-TCD5340C Datasheet
619Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S9970-0906 HAMAMATSU-S9970-0906_15 Datasheet
446Kb / 11P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com