Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7010-1006 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S7010-1006
Description  CCD area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7010-1006 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S7010-1006 Datasheet HTML 1Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 2Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 3Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 4Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 5Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 6Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 7Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 8Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CCD area image sensor
S7010/S7011/S7015 series
INTEGRATION PERIOD
(Shutter must be open)
VERTICAL BINNING PERIOD
(Shutter must be closed)
3.. 62
3..126
3..254
63
127
255
64
128
256
P1V
P2V, TG
P1H
P2H, SG
READOUT PERIOD (Shutter must be closed)
60 + 4 (ISOLATION): S701*-0906/-1006
124 + 4 (ISOLATION): S701*-0907/-1007
252 + 4 (ISOLATION): S701*-0908/-1008
Tpwv
Tovr
Tpwh, Tpws
Tpwr
12
3
531
1043
532
1044
: S701*-0906/-0907/-0908
: S701*-1006/-1007/-1008
4..530
4..1042
12
D19
D2
D1
D20
RG
OS
S1..S512
D3..D10, S1..S1024, D11..D18
: S701*-0906/-0907/-0908
: S701*-1006/-1007/-1008
INTEGRATION PERIOD
(Shutter must be open)
P1V
RG
OS
P2V, TG
P1H
P2H, SG
READOUT PERIOD (Shutter must be closed)
ENLARGED VIEW
4.. 63
4..127
4..255
Tpwv
Tovr
Tpwr
D1
D2
D3
D4
D18
D19
D20
S1..S512
D5..D10, S1..S1024, D11..D17
: S701*-0906/-0907/-0908
: S701*-1006/-1007/-1008
P2V, TG
P1H
P2H, SG
RG
OS
Tpwh, Tpws
12
3
64
← 60 + 4 (ISOLATION): S701*-0906/-1006
128
←124 + 4 (ISOLATION): S701*-0907/-1007
256
←252 + 4 (ISOLATION): S701*-0908/-1008
KMPDC0122EA
I Timing chart
Parameter
Symbol
Remark
Min.
Typ.
Max.
Unit
Pulse width
Tpwv
6 *!
--
µs
P1V, P2V, TG
Rise and fall time
Tprv, Tpfv
*
200
-
-
ns
Pulse width
Tpwh
500
-
-
ns
Rise and fall time
Tprh, Tpfh
10
-
-
ns
P1H, P2H
Duty ratio
-
*
-
50
-
%
Pulse width
Tpws
500
-
-
ns
Rise and fall time
Tprs, Tpfs
10
-
-
ns
SG
Duty ratio
-
-
-50
-
%
Pulse width
Tpwr
100
-
-
ns
RG
Rise and fall time
Tprr, Tpfr
-
5
-
-
ns
TG – P1H
Overlap time
Tovr
-
3
-
-
µs
*12: Symmetrical pulses should be overlapped at 50 % of maximum amplitude.
*13: In case of S701*-0908/-1007.
KMPDC0123EA
Line binning
Area scanning 1: low dark current mode
4


Similar Part No. - S7010-1006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7010 ETC2-S7010 Datasheet
1,009Kb / 2P
   Mainstream dual-socket server
logo
ITT Industries
S701031SS02B ITT-S701031SS02B Datasheet
398Kb / 5P
   Slide Switches
S701031SS02BE ITT-S701031SS02BE Datasheet
398Kb / 5P
   Slide Switches
S701031SS02DB ITT-S701031SS02DB Datasheet
398Kb / 5P
   Slide Switches
S701031SS02DBE ITT-S701031SS02DBE Datasheet
398Kb / 5P
   Slide Switches
More results

Similar Description - S7010-1006

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5340C TOSHIBA-TCD5340C Datasheet
619Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S9970-0906 HAMAMATSU-S9970-0906_15 Datasheet
446Kb / 11P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com