Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ1J330LC Datasheet(PDF) 5 Page - DB Lectro Inc

Part # LZ1J330LC
Description  CHIP TYPE, LOW IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

LZ1J330LC Datasheet(HTML) 5 Page - DB Lectro Inc

  LZ1J330LC Datasheet HTML 1Page - DB Lectro Inc LZ1J330LC Datasheet HTML 2Page - DB Lectro Inc LZ1J330LC Datasheet HTML 3Page - DB Lectro Inc LZ1J330LC Datasheet HTML 4Page - DB Lectro Inc LZ1J330LC Datasheet HTML 5Page - DB Lectro Inc LZ1J330LC Datasheet HTML 6Page - DB Lectro Inc LZ1J330LC Datasheet HTML 7Page - DB Lectro Inc LZ1J330LC Datasheet HTML 8Page - DB Lectro Inc LZ1J330LC Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SERIES TABLE
Chip Type Aluminum Electrolytic Capacitors
Applications
Series
Features
Capacitance
( F)
Rate
Voltage
(V.D.C.)
Operating
Temperature
(°C)
Load
Life
(Hours)
Capacitance
Tolerance
(%)
CS
Standard size
0.1 ~ 1500
4 ~ 100
-40 ~ +85
2000
20
Standard
CK
Standard size, wide temperature
range
0.1 ~ 1500
4 ~ 50
-55 ~ +105
2000
20
Low Leakage
SC
Low leakage current
0.1 ~ 100
6.3 ~ 50
-40 ~ +85
1000
20
CN
Non-polarized
0.1 ~ 100
6.3 ~ 50
-40 ~ +85
1000
20
Non-polarized
KP
Non-polarized, wide temperature
range
0.1 ~ 47
6.3 ~ 50
-55 ~ +105
1000
20
LZ
Low impedance
1 ~ 1500
6.3 ~ 50
-55 ~ +105
2000
20
Low
Impedance
KZ
Extra low impedance
4.7 ~ 1500
6.3 ~ 50
-55 ~ +105
2000
20
FZ
Long life, extra low impedance
4.7 ~ 1500
6.3 ~ 35
-55 ~ +105
3000
20
EL
Long life assurance
0.1 ~ 1500
6.3 ~ 50
-55 ~ +105
3000
20
Long Life
KL
5000 hours load life
0.1 ~ 4700
6.3 ~ 100
-40 ~ +105
5000
20
High Reliability
KH
High reliability
10 ~ 330
10 ~ 50
-40 ~ +125
2000
20
High Voltage
HU
Mid-to-high voltage
3.3 ~ 68
-40 ~ +105
5000
20
Current
160 ~ 450
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - LZ1J330LC

ManufacturerPart #DatasheetDescription
logo
ams AG
LZ1-00B202 AMSCO-LZ1-00B202 Datasheet
1Mb / 22P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2023-06-26
LZ1-00B202-0000 AMSCO-LZ1-00B202-0000 Datasheet
1Mb / 22P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2023-06-26
LZ1-00DB00 AMSCO-LZ1-00DB00 Datasheet
872Kb / 20P
   Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2022-01-31
LZ1-00DB00-0100 AMSCO-LZ1-00DB00-0100 Datasheet
872Kb / 20P
   Industry most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2022-01-31
LZ1-00R102 AMSCO-LZ1-00R102 Datasheet
1Mb / 22P
   Industry’s most robust high power ceramic package with glass lens for high performance over life.
Version 1.6 2023-06-26
More results

Similar Description - LZ1J330LC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCM NICHICON-UCM Datasheet
965Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
DB Lectro Inc
KZ1H010KC DBLECTRO-KZ1H010KC Datasheet
564Kb / 13P
   CHIP TYPE, EXTRA LOW IMPEDANCE
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com