Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8146L Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT8146L
Description  8-Bit 12-Ch I/O DAC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8146L Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT8146L Datasheet HTML 3Page - Princeton Technology Corp PT8146L Datasheet HTML 4Page - Princeton Technology Corp PT8146L Datasheet HTML 5Page - Princeton Technology Corp PT8146L Datasheet HTML 6Page - Princeton Technology Corp PT8146L Datasheet HTML 7Page - Princeton Technology Corp PT8146L Datasheet HTML 8Page - Princeton Technology Corp PT8146L Datasheet HTML 9Page - Princeton Technology Corp PT8146L Datasheet HTML 10Page - Princeton Technology Corp PT8146L Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8146 V1.1
- 7 -
February, 2006
8-Bit 12-Ch I/O DAC
PT8146
I/O EXPANDER (CHANNEL SELECT = “1101”): SERIAL → PARALLEL
CONVERSION
Performs parallel conversion of data bits D4 to DF for output on pins D0 to D11.
Note that only those pins designated for output in the ESR (expander status register) are output.
Shift register
DF
DE
DD
DC
DB
DA
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Parallel I/O pins (output state)
D
11
D
10
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
I/O EXPANDER (CHANNEL SELECT = “1110”): PARALLEL → SERIAL
CONVERSION
Writes data from D0 to D11 pins to bits D4 to DF in the shift register.
Data is output to the SO pin on the shift clock (CLK) signal. (The first 4 bits output data D0 to D3, so the
converted output should be read as data bits 5 through 16.)
Note that the data value is “0” for pins designated for output in the ESR (expander status register) as
well as analog output pins.
Shift register
DF
DE
DD
DC
DB
DA
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Parallel I/O pins (output state)
D
11
D
10
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0


Similar Part No. - PT8146L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
logo
celduc-relais
PT810000 CELDUC-PT810000 Datasheet
233Kb / 1P
   MOULDED CONTROL MAGNET
logo
Texas Instruments
PT8101 TI-PT8101 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT8101A TI-PT8101A Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT8101C TI-PT8101C Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
More results

Similar Description - PT8146L

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
STBEPI2145K SCHNEIDER-STBEPI2145K Datasheet
130Kb / 4P
   parallel interface kit STB - 12 I CH - 8 O CH
Apr 8, 2022
logo
Advantech Co., Ltd.
PCL-727 ADVANTECH-PCL-727 Datasheet
535Kb / 1P
   12-bit, 12-ch Analog Output ISA Card with 32-ch Digital I/O
logo
Toshiba Semiconductor
TC35095 TOSHIBA-TC35095 Datasheet
286Kb / 6P
   8 BIT 8 CH SERIAL I/O ANALOG TO DIGITAL CONVERTER
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
   12-BIT I/O EXPANDER
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
logo
Advantech Co., Ltd.
PCI-1721 ADVANTECH-PCI-1721 Datasheet
590Kb / 1P
   12-bit, 4-ch Analog Output PCI Card with 16-ch Digital I/O
PCL-728 ADVANTECH-PCL-728 Datasheet
539Kb / 1P
   12-bit, 6-ch Analog Output ISA Card with 32-ch Digital I/O
DMU-3010 ADVANTECH-DMU-3010_15 Datasheet
248Kb / 1P
   8-ch AI, 8-ch DI, 4-ch DO Ethernet I/O Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com