Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8146 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT8146
Description  8-Bit 12-Ch I/O DAC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8146 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT8146 Datasheet HTML 1Page - Princeton Technology Corp PT8146 Datasheet HTML 2Page - Princeton Technology Corp PT8146 Datasheet HTML 3Page - Princeton Technology Corp PT8146 Datasheet HTML 4Page - Princeton Technology Corp PT8146 Datasheet HTML 5Page - Princeton Technology Corp PT8146 Datasheet HTML 6Page - Princeton Technology Corp PT8146 Datasheet HTML 7Page - Princeton Technology Corp PT8146 Datasheet HTML 8Page - Princeton Technology Corp PT8146 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT8146 V1.1
- 1 -
February, 2006
8-Bit 12-Ch I/O DAC
PT8146
DESCRIPTION
The PT8146 is an 8-bit D/A converter with 12 built-in channels. Each of the 12 analog outputs have a
built-in OP amplifier with large current drive capability. The data input/output format is chip select (/CS)
with serial bus connection available while a built-in 12-bit I/O expander enables serial-parallel
conversion (8 of the 12 bits can also be used for analog output).
FEATURES
• Ultra compact package
• Ultra low power consumption (1.2mW/chl: typical)
• Built-in 12-channel R-2R type 8-bit D/A converter
• Built-in 12-bit I/O expander (8 bits also function as analog output)
• Built-in analog output amplifier (sink current 1.0mA maximum, source current 1.0mA maximum)
• Built-in power-on detection circuit (initialized at detection of VccD power-on)
• MCU interface compatible with 3V to 5V systems
• Power divided into MCU interface power supply (VccD) and OP amplifier power supply (VccA), D/A
converter power supply (VccD)
• Analog output capability from 0 V to VccA
• Serial data I/O operates to maximum of 2.5MHz (in cascade connection, up to 2.5MHz when
VccD=5V, up to 1.5Mhz when VccD=3V)
• CMOS process
• Available in 24 pin, SSOP Package
APPLICATIONS
• Microcontroller port expansion
• Electronic level adjustment
• Replacement of semi-fixed resistance for tuning


Similar Part No. - PT8146

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
logo
celduc-relais
PT810000 CELDUC-PT810000 Datasheet
233Kb / 1P
   MOULDED CONTROL MAGNET
logo
Texas Instruments
PT8101 TI-PT8101 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT8101A TI-PT8101A Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT8101C TI-PT8101C Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
More results

Similar Description - PT8146

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
STBEPI2145K SCHNEIDER-STBEPI2145K Datasheet
130Kb / 4P
   parallel interface kit STB - 12 I CH - 8 O CH
Apr 8, 2022
logo
Advantech Co., Ltd.
PCL-727 ADVANTECH-PCL-727 Datasheet
535Kb / 1P
   12-bit, 12-ch Analog Output ISA Card with 32-ch Digital I/O
logo
Toshiba Semiconductor
TC35095 TOSHIBA-TC35095 Datasheet
286Kb / 6P
   8 BIT 8 CH SERIAL I/O ANALOG TO DIGITAL CONVERTER
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
   12-BIT I/O EXPANDER
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
logo
Advantech Co., Ltd.
PCI-1721 ADVANTECH-PCI-1721 Datasheet
590Kb / 1P
   12-bit, 4-ch Analog Output PCI Card with 16-ch Digital I/O
PCL-728 ADVANTECH-PCL-728 Datasheet
539Kb / 1P
   12-bit, 6-ch Analog Output ISA Card with 32-ch Digital I/O
DMU-3010 ADVANTECH-DMU-3010_15 Datasheet
248Kb / 1P
   8-ch AI, 8-ch DI, 4-ch DO Ethernet I/O Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com