Electronic Components Datasheet Search |
|
MSP430FG4270IRGZR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
MSP430FG4270IRGZR Datasheet(HTML) 1 Page - Texas Instruments |
1 / 65 page MSP430FG42x0 MIXED SIGNAL MICROCONTROLLER SLAS556A − JULY 2007 − REVISED AUGUST 2007 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Low Supply-Voltage Range, 1.8 V to 3.6 V D Ultralow-Power Consumption: Active Mode: 250 μA at 1 MHz, 2.2 V Standby Mode: 1.1 μA Off Mode (RAM Retention): 0.1 μA D Five Power Saving Modes D Wake-Up From Standby Mode in Less Than 6 μs D 16-Bit RISC Architecture, 125-ns Instruction Cycle Time D 16-Bit Sigma-Delta A/D Converter With Internal Reference and Five Differential Analog Inputs D 12-Bit D/A Converter D Two Configurable Operational Amplifiers D 16-Bit Timer_A With Three Capture/Compare Registers D Brownout Detector D Bootstrap Loader D Serial Onboard Programming, No External Programming Voltage Needed Programmable Code Protection by Security Fuse D Integrated LCD Driver With Contrast Control for up to 56 Segments D MSP430FG42x0 Family Members Include: MSP430FG4250: 16KB+256B Flash Memory 256B RAM MSP430FG4260: 24KB+256B Flash Memory 256B RAM MSP430FG4270: 32KB+256B Flash Memory 256B RAM D For Complete Module Descriptions, See MSP430x4xx Family User’s Guide, Literature Number SLAU056 D For Additional Device Information, See MSP430FG42x0 Device Erratasheet, Literature Number SLAZ038 description The Texas Instruments MSP430 family of ultralow-power microcontrollers consist of several devices featuring different sets of peripherals targeted for various applications. The architecture, combined with five low-power modes, is optimized to achieve extended battery life in portable measurement applications. The device features a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 6 μs. The MSP430FG42x0 is a microcontroller configuration with a 16-bit timer, a high-performance 16-bit sigma-delta A/D converter, 12-bit D/A converter, two configurable operational amplifiers, 32 I/O pins, and a liquid crystal display driver. Typical applications for this device include analog and digital sensor systems, digital motor control, remote controls, thermostats, digital timers, hand-held meters, etc. AVAILABLE OPTIONS PACKAGED DEVICES TA PLASTIC 48-PIN SSOP (DL) PLASTIC 48-PIN QFN (RGZ) MSP430FG4250IDL MSP430FG4250IRGZ −40 °C to 85°C MSP430FG4260IDL MSP430FG4260IRGZ 40 C to 85 C MSP430FG4270IDL MSP430FG4270IRGZ This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. These devices have limited built-in ESD protection. Copyright © 2007, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - MSP430FG4270IRGZR |
|
Similar Description - MSP430FG4270IRGZR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |