Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6809 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S6809
Description  Light modulation photo IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S6809 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S6809 Datasheet HTML 1Page - Hamamatsu Corporation S6809 Datasheet HTML 2Page - Hamamatsu Corporation S6809 Datasheet HTML 3Page - Hamamatsu Corporation S6809 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
l Large allowable background light level
S4282-51, S6986, S10053: 10000 lx Typ.
S6809, S6846, S7136/-10 : 3000 lx Typ.
l Minimum detection level
S4282-51, S6986, S10053: 0.7 µW/mm2 Typ.
S6809, S6846, S7136/-10 : 0.2 µW/mm2 Typ.
l Digital output (Output appears “L” by light input.)
l Small hysteresis (S6809)
l Small SMD package (S10053)
Applications
l Paper detection in office machine (copiers, fax machines, etc.)
l Optical switch
PHOTO
IC
Light modulation photo IC
Fewer detection errors even under disturbance background light
S4282-51, S6809, S6846, S6986, S7136/-10, S10053
These light modulation photo ICs were developed for optical synchronous detection under disturbance background light. A photodiode,
preamplifier, comparator, oscillator, LED driver and signal processing circuit, etc. are all integrated on a monolithic photo IC chip. Optical
synchronous type photoreflectors and photointerrupters, which less susceptible to disturbance background light, can be easily configured by just
connecting an external LED to this photo IC. Our unique circuit design achieves an allowable background light level of 10000 lx Typ. (S4282-51,
S6986, S10053) and a minimum detection level of 0.2 µW/mm2 Typ. (S6809, S6846, S7136/-10).
s Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
S4282-51, S6986, S10053
S6809, S6846, S7136/-10
Unit
Supply voltage
Vcc
-0.5 to +16
V
Output voltage
Vo
-0.5 to +16
V
Output current
Io
50
mA
Cathode output voltage
Vcath
-0.5 to +16
V
Cathode output current
Icath
70
mA
Power dissipation *1
P
250
mW
Operating temperature
Topr
-25 to +60
°C
Storage temperature
Tstg
-40 to +100
°C
*1: Derate power dissipation at a rate of 3.3 mW/°C above Ta=25 °C
s Spectral response (typical example)
400
600
800
1000
1200
WAVELENGTH (nm)
0
20
40
60
80
100
(Ta=25 ˚C)
400
600
800
1000
1200
0
20
40
60
80
100
(Ta=25 ˚C)
WAVELENGTH (nm)
KPICB0001EB
KPICB0002EA
S4282-51, S6986, S10053
S6809, S6846, S7136/-10


Similar Part No. - S6809

ManufacturerPart #DatasheetDescription
logo
Powerbox
S680 POWERBOX-S680 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
logo
Freescale Semiconductor...
S680-338 FREESCALE-S680-338 Datasheet
552Kb / 18P
   Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
logo
Hamamatsu Corporation
S6801 HAMAMATSU-S6801 Datasheet
101Kb / 2P
   Si PIN photodiode ?14 mm lens plastic package
S6801-01 HAMAMATSU-S6801-01 Datasheet
101Kb / 2P
   Si PIN photodiode ?14 mm lens plastic package
logo
Vishay Siliconix
S680J29SL0N6.J5 VISHAY-S680J29SL0N6.J5 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - S6809

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S4282-51 HAMAMATSU-S4282-51_15 Datasheet
632Kb / 8P
   Light modulation photo IC
S4289-61 HAMAMATSU-S4289-61 Datasheet
199Kb / 4P
   Light modulation photo IC Asynchronous type light modulation
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
EL7900 RENESAS-EL7900 Datasheet
448Kb / 8P
   Ambient Light Photo Detect IC
logo
Hamamatsu Corporation
S9705 HAMAMATSU-S9705_15 Datasheet
218Kb / 5P
   Light-to-frequency converter photo IC
P6448 HAMAMATSU-P6448 Datasheet
116Kb / 2P
   Light modulation photoreflector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com