Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3921-512Q Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # S3921-512Q
Description  NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S3921-512Q Datasheet(HTML) 5 Page - Hamamatsu Corporation

  S3921-512Q Datasheet HTML 1Page - Hamamatsu Corporation S3921-512Q Datasheet HTML 2Page - Hamamatsu Corporation S3921-512Q Datasheet HTML 3Page - Hamamatsu Corporation S3921-512Q Datasheet HTML 4Page - Hamamatsu Corporation S3921-512Q Datasheet HTML 5Page - Hamamatsu Corporation S3921-512Q Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NMOS linear image sensor
S3921/S3924 series
Figure 2 shows the schematic diagram of the photodiode
active area. This active area has a PN junction consisting of
an N-type diffusion layer formed on a P-type silicon substrate.
A signal charge generated by light input accumulates as a
capacitive charge in this PN junction. The N-type diffusion
layer provides high UV sensitivity but low dark current.
s Driver circuit
A start pulse
φst and 2-phase clock pulses φ1, φ2 are needed
to drive the shift register. These start and clock pulses are
positive going pulses and CMOS logic compatible.
The 2-phase clock pulses
φ1, φ2 can be either completely
separated or complementary. However, both pulses must not
be “High” at the same time.
A clock pulse space (X1 and X2 in Figure 7) of a “rise time/fall
time - 20” ns or more should be input if the rise and fall times
of
φ1, φ2 are longer than 20 ns. The φ1 and φ2 clock pulses
must be held at “High” at least 200 ns. Since the photodiode
signal is obtained at the rise of each
φ2 pulse, the clock pulse
frequency will equal the video data rate.
The amplitude of start pulse
φst is the same as the φ1 and φ2
pulses. The shift register starts the scanning at the “High”
level of
φst, so the start pulse interval is equal to signal accu-
mulation time. The
φst pulse must be held “High” at least 200
ns and overlap with
φ2 at least for 200 ns. To operate the shift
register correctly,
φ2 must change from the “High” level to the
“Low” level only once during “High” level of
φst. The timing
chart for each pulse is shown in Figure 7.
s End of scan
The end of scan (EOS) signal appears in synchronization
with the
φ2 timing right after the last photodiode is addressed,
and the EOS terminal should be pulled up at 5 V using a 10
k
Ω resistor.
tvd
tpw 1
tpw 2
tf s
tr 1
tf 1
X1
X2
t ov
ts r-2
tf 2
RESET
Vr
(H)
Vr
(L)
td r-2
t ovr
tfr
trr
st
V s (H)
V s (L)
V 1 (H)
V 1 (L)
V 2 (H)
V 2 (L)
1
2
END OF SCAN
ACTIVE VIDEO OUTPUT
tpw s
tr s
st
1
2
RESET
Figure 7 Timing chart for driver circuit
s Signal readout circuit
S3921/S3924 series include a current integration circuit uti-
lizing the video line capacitance and an impedance conver-
sion circuit. This allows signal readout with a simple external
circuit. However, a positive bias must be applied to the video
line because the photodiode anode of NMOS linear image
sensors is at 0 V (Vss). This is done by adding an appropriate
pulse to the reset
φ terminal. The amplitude of the reset pulse
should be equal to
φ1, φ2 and φst.
When the reset pulse is at the high level, the video line is set
at the Reset V voltage. Figure 8 shows the Reset V voltage
margin. A higher clock pulse amplitude allows higher Reset
V voltage and saturation charge. Conversely, if the Reset V
voltage is set at a low level with a higher clock pulse ampli-
tude, the rise and fall times of video output waveform can be
shortened. Setting the Reset V voltage to 2.5 V is recom-
mended when the amplitude of
φ1, φ2, φst and Reset φ is 5 V.
To obtain a stable output, an overlap between the reset pulse
(Reset
φ) and φ2 must be settled. (Reset φ must rise while φ2
is at the high level.) Furthermore, Reset
φ must fall while φ2 is
at the low level.
S3921/S3924 series provide output signals with negative-
going boxcar waveform which include a DC offset of approxi-
mately 1 V when Reset V is 2.5 V. If you want to remove the DC
offset to obtain the positive-going output, the signal readout
circuit and pulse timing shown in Figure 9 are recommended.
In this circuit, Rs must be larger than 10 k
Ω. Also, the gain is
determined by the ratio of Rf to Rs, so choose the Rf value
that suits your application.
Figure 8 Reset V voltage margin
4
0
6
8
10
12
4
567
8
10
CLOCK PULSE AMPLITUDE (V)
2
9
MIN.
RESET
V VOLTAGE RANGE
MAX.
RECOMMENDED
RESET
V VOLTAGE
KMPDC0026EA
KMPDB0047EA


Similar Part No. - S3921-512Q

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3921 HAMAMATSU-S3921_15 Datasheet
213Kb / 7P
   NMOS linear image sensor
More results

Similar Description - S3921-512Q

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7885 HAMAMATSU-C7885_07 Datasheet
190Kb / 3P
   Driver circuit for voltage-output type NMOS linear image sensor
C7883 HAMAMATSU-C7883_07 Datasheet
183Kb / 3P
   High-speed driver circuit for current-output type NMOS linear image sensor
C7884 HAMAMATSU-C7884_07 Datasheet
196Kb / 4P
   High-precision driver circuit for current-output type NMOS linear image sensor
C7885 HAMAMATSU-C7885 Datasheet
219Kb / 4P
   Driver circuit for NMOS linear image sensor
C7884 HAMAMATSU-C7884 Datasheet
228Kb / 5P
   Driver circuit for NMOS linear image sensor
C7883 HAMAMATSU-C7883 Datasheet
212Kb / 4P
   Driver circuit for NMOS linear image sensor
S9227 HAMAMATSU-S9227 Datasheet
104Kb / 4P
   CMOS linear image sensor High-speed readout, simultaneous integration
C8225 HAMAMATSU-C8225 Datasheet
113Kb / 2P
   Pulse generator for NMOS linear image sensor driver circuit
S3901-1024Q HAMAMATSU-S3901-1024Q_07 Datasheet
117Kb / 4P
   NMOS linear image sensor
S5930 HAMAMATSU-S5930_15 Datasheet
1Mb / 10P
   NMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com